Electronic Components Datasheet Search
  English  ▼

X  

EPR-34 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EPR-34
Description  Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-34 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EPR-34 Datasheet HTML 1Page - Power Integrations, Inc. EPR-34 Datasheet HTML 2Page - Power Integrations, Inc. EPR-34 Datasheet HTML 3Page - Power Integrations, Inc. EPR-34 Datasheet HTML 4Page - Power Integrations, Inc. EPR-34 Datasheet HTML 5Page - Power Integrations, Inc. EPR-34 Datasheet HTML 6Page - Power Integrations, Inc. EPR-34 Datasheet HTML 7Page - Power Integrations, Inc. EPR-34 Datasheet HTML 8Page - Power Integrations, Inc. EPR-34 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
EPR-34 – 12 V, 30 W, Universal Input
10-Feb-2004
Table Of Contents
1
Introduction.................................................................................................................4
2
Power Supply Specification ........................................................................................5
3
Schematic...................................................................................................................6
4
Circuit Description ......................................................................................................7
4.1
Input EMI Filtering ...............................................................................................7
4.2
TOPSwitch
Primary .............................................................................................7
4.3
Output Rectification .............................................................................................7
4.4
Output Feedback.................................................................................................7
5
PCB Layout ................................................................................................................9
6
Bill Of Materials ........................................................................................................10
7
Transformer Specification.........................................................................................11
7.1
Electrical Diagram .............................................................................................11
7.2
Electrical Specifications.....................................................................................11
7.3
Materials............................................................................................................11
7.4
Transformer Build Diagram ...............................................................................12
7.5
Transformer Construction..................................................................................12
7.6
Transformer Sources.........................................................................................12
8
Transformer Spreadsheets.......................................................................................13
9
Performance Data ....................................................................................................15
9.1
Efficiency ...........................................................................................................15
9.2
No-load Input Power..........................................................................................15
9.3
Regulation .........................................................................................................16
9.3.1
Load ...........................................................................................................16
9.3.2
Line ............................................................................................................16
9.4
Overload Power.................................................................................................17
10
Thermal Performance ...........................................................................................18
11
Waveforms............................................................................................................19
11.1 Drain Voltage and Current, Normal Operation...................................................19
11.2 Output Voltage Start-up Profile..........................................................................19
11.3 Drain Voltage and Current Start-up Profile ........................................................19
11.4 Load Transient Response (75% to 100% Load Step) .......................................20
11.5 Output Ripple Measurements............................................................................21
11.5.1
Ripple Measurement Technique ................................................................21
11.5.2
Measurement Results ................................................................................22
12
Control Loop Measurements.................................................................................23
12.1 115 VAC Maximum Load...................................................................................23
12.2 230 VAC Maximum Load...................................................................................23
13
Conducted EMI .....................................................................................................24
14
AC Surge and 100 kHz Ring Wave Immunity .......................................................25
14.1 Common Mode Surge, 1.2/50 µs.......................................................................25
14.2 Differential Mode Surge, 1.2/50
µs ....................................................................26
14.3 Common Mode, 100 kHz Ring Wave ................................................................26
14.4 Differential Mode, 100 kHz Ring Wave..............................................................26
15
Revision History ....................................................................................................27
Page 2 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com