Electronic Components Datasheet Search
  English  ▼

X  

EPR-34 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # EPR-34
Description  Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-34 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button EPR-34 Datasheet HTML 19Page - Power Integrations, Inc. EPR-34 Datasheet HTML 20Page - Power Integrations, Inc. EPR-34 Datasheet HTML 21Page - Power Integrations, Inc. EPR-34 Datasheet HTML 22Page - Power Integrations, Inc. EPR-34 Datasheet HTML 23Page - Power Integrations, Inc. EPR-34 Datasheet HTML 24Page - Power Integrations, Inc. EPR-34 Datasheet HTML 25Page - Power Integrations, Inc. EPR-34 Datasheet HTML 26Page - Power Integrations, Inc. EPR-34 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
10-Feb-2004
EPR-34 – 12 V, 30 W, Universal Input
12
Control Loop Measurements
12.1
115 VAC Maximum Load
Figure 25
- Gain-Phase Plot, 180 VAC, Maximum Steady State Load.
Vertical Scale: Gain = 10 dB/div, Phase = 50
°/div.
Crossover Frequency = 1.16 kHz Phase Margin = 66.5
°
12.2
230 VAC Maximum Load
Figure 26
- Gain-Phase Plot, 230 VAC, Maximum Steady State Load.
Vertical Scale: Gain = 10 dB/div, Phase = 50°/div.
Crossover Frequency = 831 Hz, Phase Margin = 79.4
°
Page 23 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com