Electronic Components Datasheet Search
  English  ▼

X  

EPR-48 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # EPR-48
Description  Engineering Prototype Report for EP48 - 1.4 W Non-Isolated Buck Converter Using LNK304P
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-48 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  EPR-48 Datasheet HTML 1Page - Power Integrations, Inc. EPR-48 Datasheet HTML 2Page - Power Integrations, Inc. EPR-48 Datasheet HTML 3Page - Power Integrations, Inc. EPR-48 Datasheet HTML 4Page - Power Integrations, Inc. EPR-48 Datasheet HTML 5Page - Power Integrations, Inc. EPR-48 Datasheet HTML 6Page - Power Integrations, Inc. EPR-48 Datasheet HTML 7Page - Power Integrations, Inc. EPR-48 Datasheet HTML 8Page - Power Integrations, Inc. EPR-48 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
02-May-2005
EP48 – 12 V, 1.44 W, Non-Isolated Buck Converter
3
Schematic
Figure 2 – EP48 Schematic.
4
Circuit Description
4.1
Input Stage and EMI Filtering
The input stage is comprised of fusible resistor RF1, diodes D3 and D4, capacitors C4
and C5, and inductor L2. Two diodes are used to both increase the surge withstand to
2 kV and provide EMI gating (noise current only flows when the diodes conduct). Placing
D3 and D4 directly in series would meet the surge requirements, but without EMI gating,
conducted EMI on the neutral line would be higher.
Resistor RF1 is a flameproof, fusible, wire wound resistor.
It accomplishes several
functions: (a) limits inrush current to safe levels for rectifiers D3 and D4, (b) provides
differential mode noise attenuation and (c) acts as an input fuse in the event any other
component fails short circuit. As this component is used as a fuse, it should fail safely
open circuit without emitting smoke, fire or incandescent material to meet typical safety
requirements. To withstand the instantaneous inrush power dissipation, wire wound types
are recommended. Metal film resistors are not recommended.
4.2
LinkSwitch-TN
LinkSwitch-TN integrates a 700 V power MOSFET and control circuitry into a single low
cost IC. The internal fixed switching frequency of 66 kHz was selected to allow up to
120 mA of output current using a standard 1 mH inductor. Lower frequencies require
higher value, more costly inductors while higher frequencies increase EMI and cause
undesirable high di/dt values as the inductor value reduces.
The device is completely self-powered from the DRAIN pin with local supply decoupling
provided by a small 100 nF capacitor connected to the BYPASS pin.
Page 5 of 20
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com