Electronic Components Datasheet Search
  English  ▼

X  

EPR-48 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EPR-48
Description  Engineering Prototype Report for EP48 - 1.4 W Non-Isolated Buck Converter Using LNK304P
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-48 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EPR-48 Datasheet HTML 1Page - Power Integrations, Inc. EPR-48 Datasheet HTML 2Page - Power Integrations, Inc. EPR-48 Datasheet HTML 3Page - Power Integrations, Inc. EPR-48 Datasheet HTML 4Page - Power Integrations, Inc. EPR-48 Datasheet HTML 5Page - Power Integrations, Inc. EPR-48 Datasheet HTML 6Page - Power Integrations, Inc. EPR-48 Datasheet HTML 7Page - Power Integrations, Inc. EPR-48 Datasheet HTML 8Page - Power Integrations, Inc. EPR-48 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
EP48 – 12 V, 1.44 W, Non-Isolated Buck Converter
02-May-2005
Table Of Contents
1
Introduction.................................................................................................................3
2
Power Supply Specification ........................................................................................4
3
Schematic...................................................................................................................5
4
Circuit Description ......................................................................................................5
4.1
Input Stage and EMI Filtering ..............................................................................5
4.2
LinkSwitch-TN .....................................................................................................5
4.3
Output Rectification .............................................................................................6
4.4
Output Feedback.................................................................................................6
4.5
Operation Below Minimum Drain Voltage Specification ......................................7
5
PCB Layout ................................................................................................................7
6
Bill Of Materials ..........................................................................................................8
7
Performance Data ......................................................................................................9
7.1
Efficiency .............................................................................................................9
7.2
No-load Input Power............................................................................................9
7.3
Regulation .........................................................................................................10
7.3.1
Load ...........................................................................................................10
7.3.2
Line ............................................................................................................10
8
Thermal Performance...............................................................................................11
9
Waveforms ...............................................................................................................12
9.1
Drain Voltage and Current, Normal Operation...................................................12
9.2
Drain Voltage and Current Start-up Profile ........................................................12
9.3
Output Voltage Start-up Profile..........................................................................13
9.4
Load Transient Response (75% to 100% Load Step) .......................................13
9.5
Output Ripple Measurements............................................................................14
9.5.1
Ripple Measurement Technique ................................................................14
9.5.2
Measurement Results ................................................................................15
10
Conducted EMI .....................................................................................................16
11
Revision History ....................................................................................................18
Important Note:
Although this board is designed to satisfy safety requirements, the engineering prototype
has not been agency approved. In addition, as the output is not electrically isolated from
the input, all testing should be performed using an isolation transformer to provide the AC
line input to the prototype board.
Page 2 of 20
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com