Electronic Components Datasheet Search
  English  ▼

X  

IFBF512 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFBF512
Description  N-Channel JFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFBF512 Datasheet(HTML) 1 Page - InterFET Corporation

  IFBF512 Datasheet HTML 1Page - InterFET Corporation IFBF512 Datasheet HTML 2Page - InterFET Corporation IFBF512 Datasheet HTML 3Page - InterFET Corporation IFBF512 Datasheet HTML 4Page - InterFET Corporation IFBF512 Datasheet HTML 5Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Disclaimer: It is the Buyers responsibility for designing, validating and testing the end application under all field use cases and
extreme use conditions. Guaranteeing the application meets required standards, regulatory compliance, and all safety and
security requirements is the responsibility of the Buyer. These resources are subject to change without notice.
IF35113.R00
IFBF512-3
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
IFBF512, IFBF513 N-Channel JFET
Features
• InterFET N0026 Geometry
• Low Noise: 3 nV/√Hz Typical
• Low Ciss: 5.0pF Maximum
• Low Leakage: 10pA Typical
• RoHS Compliant
• SMT, TH, and Bare Die Package options.
Applications
• Low Noise High Gain
• Replacement for BF512 and BF513
• Mixers
• Oscillators
• VHF Amplifiers
Description
The -20V InterFET IFBF512 and IFBF513 are
targeted for low noise amplifier stages as well as
mixer and oscillator designs. Gate leakages are
typically less than 10pA at room temperatures.
The TO-72 package is hermetically sealed and
suitable for military applications.
Ordering Information Custom Part and Binning Options Available
Part Number
Description
Case
Packaging
IFBF512; IFBF513
Through-Hole
TO-72
Bulk
PNBF512; PNBF513
Through-Hole
TO-92
Bulk
SMPBF512; SMPBF513
Surface Mount
SOT23
Bulk
SMPBF512TR; SMPBF513TR
7“ Tape and Reel: Max 3,000 Pieces
13” Tape and Reel: Max 9,000 Pieces
SOT23
Minimum 1,000 Pieces
Tape and Reel
IFBF512COT; IFBF513COT
Chip Orientated Tray (COT Waffle Pack)
COT
400/Waffle Pack
IFBF512CFT; IFBF513CFT
Chip Face-up Tray (CFT Waffle Pack)
CFT
400/Waffle Pack
1
2
3
Source
Drain
Gate
SOT23 Top View
Product Summary
Parameters
IFBF512 Min
IFBF513 Min
Unit
BVGSS
Gate to Source Breakdown Voltage
-20
-20
V
IDSS
Drain to Source Saturation Current
6
10
mA
VGS(off)
Gate to Source Cutoff Voltage
-2.2 (typ)
-3.0 (typ)
V
GFS
Forward Transconductance
6
7
mS
TO-72 Bottom View
3
2
1
Gate
Source
Drain
4
Case
Source
Gate
Drain
TO-92 Bottom View
1
2
3
Note: The SOT23 package is pinned out differently than the BF51x
part to optimize thermal performance. Package and pinout
variations are available through InterFET custom ordering.


Similar Part No. - IFBF512

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IFBF510 INTERFET-IFBF510 Datasheet
385Kb / 5P
N-Channel JFET
April, 2020
More results

Similar Description - IFBF512

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com