Electronic Components Datasheet Search
  English  ▼

X  

EPR-84 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-84
Description  Engineering Prototype Report for EP-84 - <30 mW No-Load Consumption AC-DC Power Supply Using TNY264P
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-84 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-84 Datasheet HTML 13Page - Power Integrations, Inc. EPR-84 Datasheet HTML 14Page - Power Integrations, Inc. EPR-84 Datasheet HTML 15Page - Power Integrations, Inc. EPR-84 Datasheet HTML 16Page - Power Integrations, Inc. EPR-84 Datasheet HTML 17Page - Power Integrations, Inc. EPR-84 Datasheet HTML 18Page - Power Integrations, Inc. EPR-84 Datasheet HTML 19Page - Power Integrations, Inc. EPR-84 Datasheet HTML 20Page - Power Integrations, Inc. EPR-84 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
23-May-05
EPR-84 – Single Output, Universal Input, Cell Phone Charger
Page 17 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9
Performance Data
All measurements were performed at room temperature, at 60 Hz input frequency, unless
otherwise specified.
An electronic load was used to measure efficiency.
All output
voltages were measured at the end of the power supply output cable. The resistance of
the output cable was approximately 0.2
Ω.
9.1
Efficiency
Efficiency
40.00%
50.00%
60.00%
70.00%
80.00%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
Output Current (Amps)
85 VAC
115 VAC
230 VAC
265 VAC
CEC
Figure 7
− Efficiency vs. Output Current at Four Line Voltages, Room Temperature, 60 Hz.
The CEC requirement for a 3 W charger is an average of 58.9% at both 115 VAC and
230 VAC*.
POWER LEVEL
25%
50%
75%
100%
Ave
115 VAC
67.8%
63.5%
60.6%
56.7%
62.2%
230 VAC
66.5%
62.6%
60.1%
56.9%
61.5%
The average efficiency exceeds the CEC requirement by a considerable margin at both
input voltages.
*Refer to the California Energy Commission Appliance Efficiency Regulations (CEC 400-
2005-012).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com