Electronic Components Datasheet Search
  English  ▼

X  

EPR-84 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EPR-84
Description  Engineering Prototype Report for EP-84 - <30 mW No-Load Consumption AC-DC Power Supply Using TNY264P
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-84 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EPR-84 Datasheet HTML 1Page - Power Integrations, Inc. EPR-84 Datasheet HTML 2Page - Power Integrations, Inc. EPR-84 Datasheet HTML 3Page - Power Integrations, Inc. EPR-84 Datasheet HTML 4Page - Power Integrations, Inc. EPR-84 Datasheet HTML 5Page - Power Integrations, Inc. EPR-84 Datasheet HTML 6Page - Power Integrations, Inc. EPR-84 Datasheet HTML 7Page - Power Integrations, Inc. EPR-84 Datasheet HTML 8Page - Power Integrations, Inc. EPR-84 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
EPR-84 – Single Output, Universal Input, Cell Phone Charger
23-May-05
Page 2 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction............................................................................................................. 3
2
Power Supply Specification .................................................................................... 4
3
Schematic............................................................................................................... 5
4
Circuit Description .................................................................................................. 6
4.1
Input Rectification, Bulk Capacitance and EMI Filtering...................................... 6
4.2
Primary DRAIN Voltage Clamp Circuit................................................................ 6
4.3
Auxiliary Bias Supply .......................................................................................... 6
4.4
Output Rectification and Filtering ........................................................................ 7
4.5
Output Voltage Sensing, Feedback and Constant Current Control..................... 7
4.6
Transformer: Conducted EMI Noise Cancellation and Suppression Windings.... 8
5
PCB Layout ............................................................................................................ 9
6
Bill Of Materials .................................................................................................... 10
7
Transformer Specification..................................................................................... 11
7.1
Electrical Diagram............................................................................................. 11
7.2
Electrical Specifications .................................................................................... 11
7.3
Materials ........................................................................................................... 12
7.4
Transformer Build Diagram ............................................................................... 12
7.5
Transformer Construction ................................................................................. 13
8
Transformer Spreadsheets ................................................................................... 14
9
Performance Data ................................................................................................ 17
9.1
Efficiency........................................................................................................... 17
9.2
No-load Input Power ......................................................................................... 18
9.3
Regulation......................................................................................................... 19
9.3.1
Load........................................................................................................... 19
9.3.2
Line ............................................................................................................ 19
10
Thermal Performance........................................................................................... 20
11
Waveforms ........................................................................................................... 21
11.1
Drain Voltage and Current, Normal Operation .................................................. 21
11.2
Output Voltage Start-up Profile ......................................................................... 21
11.3
Drain Voltage and Current Start-up Profile ....................................................... 22
11.4
Load Transient Response (75% to 100% Load Step) ....................................... 22
11.5
Output Ripple Measurements ........................................................................... 23
11.5.1
Ripple Measurement Technique ................................................................ 23
11.5.2
Measurement Results ................................................................................ 24
12
Conducted EMI..................................................................................................... 25
13
Revision History.................................................................................................... 27
Important Note:
Although this circuit board has been designed to meet safety isolation requirements, the
engineering prototype has not been agency approved. Therefore, all testing should be
performed using an isolation transformer to provide the AC input to the prototype board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com