Electronic Components Datasheet Search
  English  ▼

X  

IFN202 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFN202
Description  N-Channel JFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN202 Datasheet(HTML) 1 Page - InterFET Corporation

  IFN202 Datasheet HTML 1Page - InterFET Corporation IFN202 Datasheet HTML 2Page - InterFET Corporation IFN202 Datasheet HTML 3Page - InterFET Corporation IFN202 Datasheet HTML 4Page - InterFET Corporation IFN202 Datasheet HTML 5Page - InterFET Corporation IFN202 Datasheet HTML 6Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NOTICE: Please refer to the end of this document for information on product materials, compliance, safety, and legal statements.
IF35115 Rev A01
IFN201-A-2
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
Features
• InterFET N106A Geometry
• Tightly screened IFN201A: VGS(OFF): -0.5V to -1.0V
• Low gate leakage: 750fA typical @20V
• Low CISS: 3pF typical
• High radiation tolerance
• RoHS, REACH, CMR compliant
• Custom test and binning options available
• SMT and bare die package options
• Edge case SPICE modeling: InterFET SPICE
Industry Standard Crosses
• SST201, MMBFJ201, J201, J202
InterFET Similar Parts
• 2N4338, 2N4339, 2N4867, 2N4868, 2N4869, J201, J202, 2N3458, 2N3459, 2N3460
• SMP4338, SMP4339, SMP4867, SMP4868, SMP4869, SMPJ201, SMPJ202, SMP3458, SMP3459,
SMP3460
InterFET Similar Dual Parts
• IFN3954-8; IFN5197-9; IFNU231-5; IFNU401-6; IFNU410-2
• SMP3954-8; SMP5197-9; SMPU231-5; SMPU401-6; SMPU410-2
Applications
• General: Amplifiers; Low leakage switches; Signal mixers
• Audio: Tone control circuits; Headphone amplifiers; Audio filters; Preamplifier speaker drive;
Microphone impedance transformation and drive; Phono preamplifiers
• Military/Aero: Radar and communication systems; Missiles and guidance systems; Radiation detection
• Medical: Medical imaging systems; Medical monitors and recorders; Ultrasound equipment
Description
The InterFET IFN201, IFN201A, and IFN202 parts are targeted for cost sensitive low noise applications.
These parts are ideal for audio mic and preamplifier designs. Gate leakages are less than 1pA at 20V at
room temperatures. Exact crosses for SST201, MMBFJ201, MMBFJ201, J201, and J202 JFETs.
IFN201, IFN201A, IFN202 N-Channel JFET
Ordering Information Custom Part and Binning Options Available
Part Number
Description
Case
Packaging
IFN201ST3; IFN201AST3;
IFN202ST3
Surface Mount
SOT23
Bulk
IFN201ST3TR; IFN201AST3TR;
IFN202ST3TR
7“ Tape and Reel: Max 3,000 Pieces
13” Tape and Reel: Max 9,000 Pieces
SOT23
Minimum 1,000 Pieces
Tape and Reel
IFN201COT; IFN201ACOT;
IFN202COT
Chip Orientated Tray (COT Waffle Pack)
COT
400/Waffle Pack
IFN201CFT; IFN201ACFT;
IFN202CFT
Chip Face-up Tray (CFT Waffle Pack)
CFT
400/Waffle Pack
1
2
3
S/D
S/D
Gate
SOT23 Top View
NOTE: S/D pins are interchangeable Source Drain connections


Similar Part No. - IFN202

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IFN201 INTERFET-IFN201 Datasheet
599Kb / 6P
N-Channel JFET
May, 2023
IFN201A INTERFET-IFN201A Datasheet
599Kb / 6P
N-Channel JFET
May, 2023
More results

Similar Description - IFN202

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com