Electronic Components Datasheet Search
  English  ▼

X  

EPR-86 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EPR-86
Description  Engineering Prototype Report for EP 86 - 6.6 W Multi-Class Powered Device (PD) for Power over Ethernet (PoE) Using DPA-Switch-(DPA423G)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-86 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EPR-86 Datasheet HTML 1Page - Power Integrations, Inc. EPR-86 Datasheet HTML 2Page - Power Integrations, Inc. EPR-86 Datasheet HTML 3Page - Power Integrations, Inc. EPR-86 Datasheet HTML 4Page - Power Integrations, Inc. EPR-86 Datasheet HTML 5Page - Power Integrations, Inc. EPR-86 Datasheet HTML 6Page - Power Integrations, Inc. EPR-86 Datasheet HTML 7Page - Power Integrations, Inc. EPR-86 Datasheet HTML 8Page - Power Integrations, Inc. EPR-86 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
EP-86 – 6.6 W, 3.3 V, 2 A PoE Powered Device
13-Apr-2006
Page 2 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction.................................................................................................................3
2
Power Supply Specification ........................................................................................4
3
Schematic...................................................................................................................5
4
Circuit Operation.........................................................................................................6
4.1
General ................................................................................................................6
4.2
DPA-Switch
Primary.............................................................................................6
4.3
Output Rectification ..............................................................................................6
4.4
Output Feedback..................................................................................................6
4.5
PoE Interface Circuit Description..........................................................................7
4.6
Wide Hysteresis Under-Voltage Lockout..............................................................8
5
Bill of Materials .........................................................................................................10
6
Layout.......................................................................................................................12
7
Transformer Design Spreadsheet.............................................................................13
8
Transformer Specification.........................................................................................15
8.1
Transformer Winding..........................................................................................15
8.2
Electrical Specifications......................................................................................15
8.3
Materials.............................................................................................................15
8.4
Transformer Build Diagram ................................................................................16
8.5
Transformer Construction...................................................................................16
9
Performance Data ....................................................................................................17
9.1
Efficiency............................................................................................................17
9.2
Load Regulation .................................................................................................18
9.3
Line Regulation ..................................................................................................18
9.4
Overload Output Current ....................................................................................19
10
Waveforms............................................................................................................20
10.1 Drain Voltage and Current, Full-Load Operation ................................................20
10.2 Output Voltage Start-Up Profile..........................................................................20
10.3 Load Transient Response (75% to 100% Load Step) ........................................21
10.4 Output Ripple Measurements.............................................................................22
10.4.1
Ripple Measurement Technique ................................................................22
10.4.2
Output Ripple Measurements.....................................................................23
11
Revision History ....................................................................................................24
Important Note:
Although this board was designed to satisfy safety isolation requirements, it has not been
agency approved. Therefore, please take the appropriate safety precautions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com