Electronic Components Datasheet Search
  English  ▼

X  

EPR-86 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # EPR-86
Description  Engineering Prototype Report for EP 86 - 6.6 W Multi-Class Powered Device (PD) for Power over Ethernet (PoE) Using DPA-Switch-(DPA423G)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-86 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button EPR-86 Datasheet HTML 18Page - Power Integrations, Inc. EPR-86 Datasheet HTML 19Page - Power Integrations, Inc. EPR-86 Datasheet HTML 20Page - Power Integrations, Inc. EPR-86 Datasheet HTML 21Page - Power Integrations, Inc. EPR-86 Datasheet HTML 22Page - Power Integrations, Inc. EPR-86 Datasheet HTML 23Page - Power Integrations, Inc. EPR-86 Datasheet HTML 24Page - Power Integrations, Inc. EPR-86 Datasheet HTML 25Page - Power Integrations, Inc. EPR-86 Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
EP-86 – 6.6 W, 3.3 V, 2 A PoE Powered Device
13-Apr-2006
Page 22 of 28
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10.4 Output Ripple Measurements
10.4.1 Ripple Measurement Technique
For DC output ripple measurements, a modified oscilloscope test probe must be utilized
in order to reduce spurious signal pickup. Details of the probe modification are provided
in Figures 22 and 23.
The 5125BA probe adapter is affixed with two capacitors tied in parallel across the probe
tip. The capacitors include one (1) 0.1
µF/50 V ceramic type and one (1) 1.0 µF/50 V
aluminum electrolytic. Since the aluminum electrolytic type capacitor is polarized,
proper polarity must be observed when connecting it to the output (see below).
Figure 22
– Oscilloscope Probe Prepared for Ripple Measurement (End cap and ground lead removed).
Figure 23
– Oscilloscope Probe with Probe Master 5125BA BNC Adapter (Modified with wires for probe
ground for ripple measurement, and two parallel decoupling capacitors added).
Probe Ground
Probe Tip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com