Electronic Components Datasheet Search
  English  ▼

X  

LD5537B1GL Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD5537B1GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537B1GL Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD5537B1GL Datasheet HTML 2Page - Leadtrend Technology LD5537B1GL Datasheet HTML 3Page - Leadtrend Technology LD5537B1GL Datasheet HTML 4Page - Leadtrend Technology LD5537B1GL Datasheet HTML 5Page - Leadtrend Technology LD5537B1GL Datasheet HTML 6Page - Leadtrend Technology LD5537B1GL Datasheet HTML 7Page - Leadtrend Technology LD5537B1GL Datasheet HTML 8Page - Leadtrend Technology LD5537B1GL Datasheet HTML 9Page - Leadtrend Technology LD5537B1GL Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LD5537B1/I1
12/18/2018
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537B1/I1-DS-00 December 2018
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Oscillator for Switching Frequency
CCM Frequency
FCCM
100
kHz
Frequency Swapping
*
FSW_MOD
±8
%
Green Mode Frequency
FSW_GREEN
24
kHz
Temp. Stability
*
FSW_TS
3
5
%
Voltage Stability
VCC =9V~24V *
FSW_VS
1
%
Maximum Duty
*
DMAX
81
%
Soft Start
Soft Start Time
VCS_OFF from 0.2V to 0.5V
*
TSS
7
ms
OLP (Over Load Protection)
OLP Trip Level
VOLP
2.65
2.8
2.95
V
OLP delay time
After soft-start
TD_OLP
88
ms
Over Voltage Protection (CS Pin)
CS OVP Trip Current Level
VCSOVP
0.29
0.31
0.33
V
CS OVP De-bounce Cycle
*
TD_CSOVP
8
Cycle
BNO Pin Auto Protection (BNO Pin)
Brownout Turn-On Trip Level
VBNI
1
1.05
1.1
V
Brownout Turn-Off Trip Level
VBNO
0.9
0.95
1
V
BNO Pin De-bounce Time
TBNO
75
ms
Internal OTP Protection
OTP Level
*
TUP_OTP
140
℃
OTP Hysteresis
*
TINOTP_HYS
12
℃
SDSP (Secondary Diode Short Protection)
SDSP CS Pin Level
Secondary diode short
VCS_SDSP
1.2
V
De-bounce Cycle
*
TD_SDSP
4
Cycle
*: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com