Electronic Components Datasheet Search
  English  ▼

X  

LD5537B1GL Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD5537B1GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537B1GL Datasheet(HTML) 1 Page - Leadtrend Technology

  LD5537B1GL Datasheet HTML 1Page - Leadtrend Technology LD5537B1GL Datasheet HTML 2Page - Leadtrend Technology LD5537B1GL Datasheet HTML 3Page - Leadtrend Technology LD5537B1GL Datasheet HTML 4Page - Leadtrend Technology LD5537B1GL Datasheet HTML 5Page - Leadtrend Technology LD5537B1GL Datasheet HTML 6Page - Leadtrend Technology LD5537B1GL Datasheet HTML 7Page - Leadtrend Technology LD5537B1GL Datasheet HTML 8Page - Leadtrend Technology LD5537B1GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LD5537B1/I1
12/18/2018
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537B1/I1-DS-00 December 2018
EMI
Filter
BNO
OUT
CS
VCC
GND
COMP
LD5537B1/I1
photocoupler
AC
input
DC
Output
Trr < 500ns
Green-Mode PWM Controller with Frequency Swapping
and Integrated Protections
REV. 00
General Description
The LD5537B1/I1 is built-in with several functions,
protection and EMI-improved solution in a tiny package. It
takes less components counts or circuit space, especially
ideal for those total solutions of low cost.
The implemented functions include low startup current,
green-mode
power-saving
operation,
leading-edge
blanking of the current sensing and internal slope
compensation. It also features more protections like OLP
(Over Load Protection)、OVP (Over Voltage Protection)
and AC BNI / BNO to prevent circuit damage occurred
under abnormal conditions.
Furthermore, the frequency swapping function is to
reduce the noise level and thus helps the power circuit
designers to easily deal with the EMI filter design by
spending minimum amount of component cost and
developing time.
Features
 High-Voltage CMOS Process with Excellent ESD
protection
 Very Low Startup Current (<3
A)
 Multi-Mode PWM controller
 Current Mode Control
 Green Mode Control
 UVLO (Under Voltage Lockout)
 LEB (Leading-Edge Blanking) on CS Pin
 Internal Frequency Swapping, Slop Compensation
 OVP (Over Voltage Protection) on VCC and CS Pin
 Adjustment input AC BNI / BNO
 OLP (Over Load Protection)
 OSCP (Output Short Circuit Protection)
 250mA/-500mA Driving Capability
Applications
 Switching AC/DC Adaptor and Battery Charger
 Open Frame Switching Power Supply
Typical Application


Similar Part No. - LD5537B1GL

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5537 LEADTREND-LD5537 Datasheet
635Kb / 17P
Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
09/07/2015 REV. 01
LD5537G1 LEADTREND-LD5537G1 Datasheet
773Kb / 15P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
REV: 00
LD5537G1GL LEADTREND-LD5537G1GL Datasheet
773Kb / 15P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
REV: 00
LD5537GL LEADTREND-LD5537GL Datasheet
635Kb / 17P
Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
09/07/2015 REV. 01
LD5537H1 LEADTREND-LD5537H1 Datasheet
1Mb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
REV. 00
More results

Similar Description - LD5537B1GL

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD9704R LEADTREND-LD9704R Datasheet
699Kb / 14P
Green-Mode PWM Controller with Frequency Swapping with protections and MOSFET Integrated
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
Green-Mode PWM Controller with Integrated Protections
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
Green-Mode PWM Controller with Integrated Protections
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7531 LEADTREND-LD7531 Datasheet
360Kb / 18P
Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
6/25/2008
LD7537 LEADTREND-LD7537 Datasheet
418Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
12/15/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com