Electronic Components Datasheet Search
  English  ▼

X  

24LC16B Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC16B
Description  16K I2C??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16B Datasheet(HTML) 1 Page - Microchip Technology

  24LC16B Datasheet HTML 1Page - Microchip Technology 24LC16B Datasheet HTML 2Page - Microchip Technology 24LC16B Datasheet HTML 3Page - Microchip Technology 24LC16B Datasheet HTML 4Page - Microchip Technology 24LC16B Datasheet HTML 5Page - Microchip Technology 24LC16B Datasheet HTML 6Page - Microchip Technology 24LC16B Datasheet HTML 7Page - Microchip Technology 24LC16B Datasheet HTML 8Page - Microchip Technology 24LC16B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2003 Microchip Technology Inc.
DS21703D-page 1
24AA16/24LC16B
Device Selection Table
Features
• Single supply with operation down to 1.8V
• Low-power CMOS technology
- 1 mA active current typical
-1
µA standby current (max.) (I-temp)
• Organized as 8 blocks of 256 bytes (8 x 256 x 8)
• 2-wire serial interface bus, I2C™ compatible
• Schmitt Trigger inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz (2.5V) and 400 kHz (
≥2.5V) compatibility
• Self-timed write cycle (including auto-erase)
• Page write buffer for up to 16 bytes
• 2 ms typical write cycle time for page write
• Hardware write-protect for entire memory
• Can be operated as a serial ROM
• Factory programming (QTP) available
• ESD protection > 4,000V
• 1,000,000 erase/write cycles
• Data retention > 200 years
• 8-lead PDIP, SOIC, TSSOP and MSOP packages
• 5-lead SOT-23 package
• Standard and Pb-free finishes available
• Available temperature ranges:
- Industrial (I): -40°C to +85°C
- Automotive (E): -40°C to +125°C
Description
The Microchip Technology Inc. 24AA16/24LC16B
(24XX16*) is a 16 Kbit Electrically Erasable PROM.
The device is organized as eight blocks of 256 x 8-bit
memory with a 2-wire serial interface. Low-voltage
design permits operation down to 1.8V with standby
and
active
currents
of
only
1
µA and 1 mA,
respectively. The 24XX16 also has a page write
capability for up to 16 bytes of data. The 24XX16 is
available in the standard 8-pin PDIP, surface mount
SOIC, TSSOP and MSOP packages and is also avail-
able in the 5-lead SOT-23 package.
Package Types
Block Diagram
Part
Number
Vcc
Range
Max Clock
Frequency
Temp
Ranges
24AA16
1.8-5.5
400 kHz(1)
I
24LC16B
2.5-5.5
400 kHz
I, E
Note 1:
100 kHz for VCC <2.5V
A0
A1
A2
Vss
1
2
3
4
8
7
6
5
Vcc
WP
SCL
SDA
PDIP/SOIC/TSSOP/MSOP
SOT-23-5
15
4
3
SCL
Vss
SDA
WP
Vcc
2
Note:
Pins A0, A1 and A2 are not used by the
24LC16B. (No internal connections).
HV
EEPROM
Array
Page
YDEC
XDEC
Sense Amp.
Memory
Control
Logic
I/O
Control
Logic
I/O
WP
SDA
SCL
VCC
VSS
R/W Control
Latches
Generator
16K I2C™ Serial EEPROM
*24XX16 is used in this document as a generic part number for the 24AA16/24LC16B devices.


Similar Part No. - 24LC16B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC16B MICROCHIP-24LC16B Datasheet
453Kb / 12P
8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
24LC16B MICROCHIP-24LC16B Datasheet
75Kb / 12P
16K 2.5V I 2 C O Serial EEPROM
2007
24LC16B MICROCHIP-24LC16B Datasheet
557Kb / 32P
16K I2C??Serial EEPROM
2009
24LC16B MICROCHIP-24LC16B Datasheet
1Mb / 40P
16K I2C??Serial EEPROM
11/29/12
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
16K I2C Serial EEPROM
12/08/06
More results

Similar Description - 24LC16B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
21054E MICROCHIP-21054E Datasheet
76Kb / 12P
16K 1.8V I2C SERIAL EEPROM
1996
logo
Integral Corp.
IN24LC16 INTEGRAL-IN24LC16 Datasheet
212Kb / 10P
16K SERIAL EEPROM WITH I2C BUS
logo
Microchip Technology
24LC164 MICROCHIP-24LC164 Datasheet
161Kb / 16P
16K 2.5V Cascadable I2C??Serial EEPROM
2004
logo
KODENSHI_AUK CORP.
KK24LC16 KODENSHI-KK24LC16 Datasheet
174Kb / 3P
16K Serial EEPROM with I2C bus
KK24LC16B KODENSHI-KK24LC16B Datasheet
195Kb / 3P
16K Serial EEPROM with I2C bus
logo
Microchip Technology
24AA16 MICROCHIP-24AA16_09 Datasheet
557Kb / 32P
16K I2C??Serial EEPROM
2009
24AA16 MICROCHIP-24AA16_12 Datasheet
1Mb / 40P
16K I2C??Serial EEPROM
11/29/12
24AA16T-I MICROCHIP-24AA16T-I Datasheet
423Kb / 26P
16K I2C Serial EEPROM
12/08/06
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
16K I2C Serial EEPROM
12/08/06
24LC16B MICROCHIP-24LC16B_16 Datasheet
381Kb / 26P
16K I2C Serial EEPROM
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com