Electronic Components Datasheet Search
  English  ▼

X  

24LC16B Datasheet(PDF) 12 Page - Microchip Technology

Part # 24LC16B
Description  16K I2C??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16B Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24LC16B Datasheet HTML 8Page - Microchip Technology 24LC16B Datasheet HTML 9Page - Microchip Technology 24LC16B Datasheet HTML 10Page - Microchip Technology 24LC16B Datasheet HTML 11Page - Microchip Technology 24LC16B Datasheet HTML 12Page - Microchip Technology 24LC16B Datasheet HTML 13Page - Microchip Technology 24LC16B Datasheet HTML 14Page - Microchip Technology 24LC16B Datasheet HTML 15Page - Microchip Technology 24LC16B Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
24AA16/24LC16B
DS21703D-page 12
 2003 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
T/XXYYWW
NNN
8-Lead TSSOP
Example:
24LC16B
I/P13F
0327
24LC16B
I/SNYYWW
13F
8-Lead MSOP
Example:
XXXX
TYWW
NNN
XXXXXT
YWWNNN
4L16
I327
13F
4L16BI
32713F
Legend:
XX...X
Customer specific information*
T
Temperature grade (I, E)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*Standard QTP marking consists of Microchip part number, year code, week code, and traceability code.
5-Lead SOT-23
Example:
XXNN
B53F
Device
TSSOP/MSOP
Marking Codes
STD
Pb-free
24AA16
4A16
G4A6
24LC16B
4L16
G4L6
Device
SOT-23
Marking Codes
STD
Pb-free
24AA16
B5
B5
24LC16B-I
M5
M5
24LC16B-E
N5
N5
Note:
Pb-free part number using “G”
suffix is marked on carton



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com