Electronic Components Datasheet Search
  English  ▼

X  

LD5762M Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD5762M
Description  High Voltage Multi-Mode PWM Controller with BNO Function
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5762M Datasheet(HTML) 2 Page - Leadtrend Technology

  LD5762M Datasheet HTML 1Page - Leadtrend Technology LD5762M Datasheet HTML 2Page - Leadtrend Technology LD5762M Datasheet HTML 3Page - Leadtrend Technology LD5762M Datasheet HTML 4Page - Leadtrend Technology LD5762M Datasheet HTML 5Page - Leadtrend Technology LD5762M Datasheet HTML 6Page - Leadtrend Technology LD5762M Datasheet HTML 7Page - Leadtrend Technology LD5762M Datasheet HTML 8Page - Leadtrend Technology LD5762M Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LD5762M
09/25/2019
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5762M-DS-00 September 2019
Pin Configuration
Ordering Information
Part number
Package
Top Mark
Shipping
LD5762M GR
SOP-7
LD5762MGR
2500 /tape & reel
The LD5762M is RoHs compliant/ green packaged.
Protection Mode
Part number
VCC_OVP
OSCP
CS_OTP
OCP
FB_OVP
FB_UVP
LD5762M
Latch
Auto recovery Auto recovery Auto recovery
Latch
Skip 1 cycle
Pin Descriptions
PIN
NAME
FUNCTION
1
FB
Auxiliary voltage sense, output voltage protection and quasi resonant detection.
2
COMP
Voltage feedback pin. Connect a photo-coupler with it to close the control loop and
achieve the regulation.
3
CS
Current sense pin, connect it to sense the MOSFET current
4
GND
Ground
5
OUT
Gate drive output to drive the external MOSFET
6
VCC
Supply voltage pin
7
NC
Unconnected Pin
8
HV
Connect this pin to Line/ Neutral of AC main voltage through resistor to provide the
startup current for the controller. When VCC voltage increase to trip the point of
UVLO(ON), this HV loop will be turned off to reduce the power loss on the startup circuit.
An internal resistor divider between HV to GND pin will monitor AC line voltage to
activate Brown-in/out function control.
YY:
Year code
WW:
Week code
PP:
Production code
SOP-7 (TOP VIEW)
1
8
2
3
4
6
5
TOP MARK
YYWWPP
YYWWPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com