Electronic Components Datasheet Search
  English  ▼

X  

LD5762M Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5762M
Description  High Voltage Multi-Mode PWM Controller with BNO Function
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5762M Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5762M Datasheet HTML 9Page - Leadtrend Technology LD5762M Datasheet HTML 10Page - Leadtrend Technology LD5762M Datasheet HTML 11Page - Leadtrend Technology LD5762M Datasheet HTML 12Page - Leadtrend Technology LD5762M Datasheet HTML 13Page - Leadtrend Technology LD5762M Datasheet HTML 14Page - Leadtrend Technology LD5762M Datasheet HTML 15Page - Leadtrend Technology LD5762M Datasheet HTML 16Page - Leadtrend Technology LD5762M Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LD5762M
09/25/2019
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5762M-DS-00 September 2019
more than 50%. To stabilize the control loop, the slope
compensation is required in the traditional UC384X
design by injecting the ramp signal from the RT/CT pin
through a coupling capacitor. LD5762M has internal
slope compensation circuit to simplify the external circuit
design.
Oscillator and Switching Frequency
The LD5762M has the switching frequency between 65
kHz ±4kHz internally to optimize its performance in EMI,
thermal treatment, component sizes and transformer
design.
Dual-Oscillator Green-Mode Operation
Many different topologies have been implemented in
different chips for the green-mode or power saving
requirements
such
as
“burst-mode
control
”,
“skipping-cycle mode”, “variable off-time control “…etc.
The basic operation theory of all these approaches
intended to reduce the switching cycles under light-load
or no-load condition either by skipping some switching
pulses or reducing the switching frequency.
By using LD proprietary dual-oscillator technique, the
green-mode frequency can be well controlled and
further to avoid the generation of audible noise.
On/Off Control
Pulling COMP pin below VZDC will immediately disable
the gate output of LD5762M. Remove the pull-low signal
to reset it.
Over Current Protection (OCP) - Auto
Recovery
Auto recovery of smart OCP protection is the feature of
LD5762M. Fig. 13 shows the waveform under fault
condition. The feedback system will force the voltage
loop toward the saturation and thus pull the voltage high
across COMP pin (VCOMP). When the VCOMP ramps
up and achieves the OCP threshold of 4.6V, staying for
longer than OCP delay time, the protection will be
activated. The delay time prevents the false-triggering
during power-on, turn-off transient.
VCC
UVLO(ON)
UVLO(OFF)
t
t
COMP
OCP
VOCP
t
OUT
OCP Delay Time
Switching
Switching
Non-Switching
OCP trip Level
2nd UVLO(OFF)
OCP Counter Reset
BNO
Detecting
Fig. 13
Over Voltage Protection on VCC (OVP)
–
Latch Mode
The VGS ratings of the nowadays power MOSFETs are
mostly with 28.5V maximum. To protect the VGS from
the fault condition, LD5762M is implemented with OVP
function on VCC. As the VCC voltage is larger than the
OVP threshold voltage, the output gate drive circuit will
be shut off simultaneously and stop switching the power
MOSFET.
The VCC OVP is latch-off type of protection. Once the
VCC trips OVP level (which is usually caused by the
feedback loop opened), it will be latched off and try to
recover. Turn off AC power to let VCC fall below PDR
level to release overvoltage protection. Then, restart the
power to resume the operation. The de-latch level is
defined by internal PDR. See Fig. 14 for its operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com