Electronic Components Datasheet Search
  English  ▼

X  

LX1972 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1972
Description  Ambient Light Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1972 Datasheet(HTML) 6 Page - Microsemi Corporation

  LX1972 Datasheet HTML 1Page - Microsemi Corporation LX1972 Datasheet HTML 2Page - Microsemi Corporation LX1972 Datasheet HTML 3Page - Microsemi Corporation LX1972 Datasheet HTML 4Page - Microsemi Corporation LX1972 Datasheet HTML 5Page - Microsemi Corporation LX1972 Datasheet HTML 6Page - Microsemi Corporation LX1972 Datasheet HTML 7Page - Microsemi Corporation LX1972 Datasheet HTML 8Page - Microsemi Corporation LX1972 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LX1972
PRODUCTION SPECIFICATION
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Ambient Light Detector
Copyright
© 2004
Rev. 1.1b, 2005-10-31
TM
®
APPLICATION EXAMPLES
The following examples present both fully automatic
(no user input) and semi-automatic to fully manual
override implementations. These general guidelines are
applicable to a wide variety of potential light control
applications. The LX1972 can be used to control the
brightness input of CCFL inverters (like Microsemi’s
PanelMatch™ inverter family, or line of controller IC’s).
Likewise, it can interface well with LED drivers like the
LX1990 and LX1991 sink LED drivers, or boost drivers
like the LX1992, LX1993, LX1994, and LX1995.
In each specific application, it is important to recognize
the need to correlate the output current of the LX1972 for
the target environment and its ambient light conditions.
The mechanical mounting of the sensor, light aperture
hole size, use of a light pipe or bezel are critical in
determining the response of the LX1972 for a given
exposure of light.
R1
R2
C1
10µF
3V
To inverter brightness
input or LED driver
controller.
3.3V or 5V
VSS
VDD
Figure 4
The example in figure 4 shows a fully automatic
dimming solution with no user interaction. Choose R1
and R2 values for any desired minimum brightness and
slope. Choose C1 to adjust response time to filter 50/60
Hz room lighting. As an example, let’s say you wish to
generate an output voltage from 0.25V to 1.25V to drive
the input of an LED driver controller.
The 0.25V
represents the minimum LED brightness and 1.25V
represents the maximum. The first step would be to
determine the ratio of R1 and R2.
R2
11
1
0.25V
3.0V
R2
R1
×
=
−
=
⎥⎦
⎤
⎢⎣
⎡
Next the value of R2 can be calculated based on the
maximum output source current coming from the
LX1972 under the application’s maximum light exposure,
lets say this has been determined to be about 50µA .
Thus R2 can be calculated first order as follows:
275KΩ
R2
11
R1
25KΩ
50µA
1.25V
R2
=
×
=
∴
=
=
⎥⎦
⎤
⎢⎣
⎡
The output node will actually reach 1.25V when the source
current from the LX1972 is only about 44µA since about
6µA of current will be contributed from R1. This assumes a
high impedance input to the LED driver. In Figure 5 user
adjustable bias control has been added to allow control over
the minimum and maximum output voltage. This allows the
user to adjust the output brightness to personal preference
over a limited range. In addition, an equivalent DC voltage
may replace the PWM input source.
R1
40K
R2
25K
10µF
To inverter
brightness input or
LED driver
controller input.
3.3V or 5V
VSS
VDD
3.3V PWM
Figure 5
Figure 6 shows how a fully manual override can be quickly
added to the example in figure 5. In addition to the gate to
turn on and off the LX1972, a diode has been inserted to
isolate the sensor when it is disabled.
30K
30K
10µF
To inverter
brightness input or
LED driver
controller.
VSS
VDD
PWM
CMOS
Gate
60K
3.3V
Disable
control
Figure 6
The preceding examples represent just a few of the
potential sensor applications. Further details and additional
circuits can be found in the application note (AN-28) LX1970
Visible Light Sensor located in the application section of our
website www.microsemi.com. Although this application note
is written around our LX1970 visible light sensor the circuits
can be easily adapted for use with the LX1972.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com