Electronic Components Datasheet Search
  English  ▼

X  

LX1972 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1972
Description  Ambient Light Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1972 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1972 Datasheet HTML 1Page - Microsemi Corporation LX1972 Datasheet HTML 2Page - Microsemi Corporation LX1972 Datasheet HTML 3Page - Microsemi Corporation LX1972 Datasheet HTML 4Page - Microsemi Corporation LX1972 Datasheet HTML 5Page - Microsemi Corporation LX1972 Datasheet HTML 6Page - Microsemi Corporation LX1972 Datasheet HTML 7Page - Microsemi Corporation LX1972 Datasheet HTML 8Page - Microsemi Corporation LX1972 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LX1972
PRODUCTION SPECIFICATION
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Ambient Light Detector
Copyright
© 2004
Rev. 1.1b, 2005-10-31
TM
®
DESCRIPTION
The LX1972 is a low cost silicon
light sensor with spectral response that
closely emulates the human eye.
Patented circuitry produces peak
spectral response at 520nm, with IR
response less than ±5%, of the peak
response, above 900nm.
The photo sensor is a PIN diode array
with a linear, accurate, and very
repeatable current transfer function.
High gain current mirrors on the chip
multiply the PIN diode photo-current
to a sensitivity level that can be
voltage scaled with a standard value
external resistor. Output current from
this simple to use two-pin device can
be used directly or converted to a
voltage by placing it in series with a
single resistor at either of its two pins.
Dynamic range is determined by the
resistors (typically in the range of 10K
to 100K) and power supply values.
Typically the LX1972 needs only 1.8V
of headroom to operate at 1000 Lux
illumination.
Internal temperature compensation
allows dark current to be kept below
200nA over the full specification
temperature range (-40 to +85°C),
providing high accuracy at low light
levels. Usable ambient light conditions
range is from 1 to more than 5000 Lux.
The LX1972 is optimized for
controlling back lighting systems in low
cost consumer products such as LCD
TV, portable computers, and digital
cameras.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Protected By U.S.Patents: 6,787,757; Patents Pending
KEY FEATUR ES
Near Human Eye Spectral
Response
Very Low IR Sensitivity
Highly Accurate & Repeatable
Output Current vs. Light
Scalable Output Voltage
Temperature Stable
Integrated High Gain Photo
Current Amplifiers
No Optical Filters Needed
APPLI C ATION S
Portable Electronic Displays
LCD TV Backlight Systems
Digital Still Cameras (DSC)
Desk top Monitors
Notebook Computers
PRODUCT H I GHLIGHT
LX1972
V
DD
V
SS
1.2V Typical
@ 100 Lux
V
DD
V
SS
Ambient Light
LX1972 Top View
PACKAGE ORDER INFO
BC
Plastic 1206
2-Pin
TA (°C)
RoHS Compliant / Pb-free
-40 to 85
LX1972IBC
Note: Available in Tape & Reel. Append the letters “TR” to
the part number. (i.e. LX1972IBC-TR)


Similar Part No. - LX1972

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1972 MICROSEMI-LX1972 Datasheet
53Kb / 1P
LX1972 Light Sensor
LX1972A MICROSEMI-LX1972A Datasheet
277Kb / 9P
Ambient Light Detector
LX1972AIBC MICROSEMI-LX1972AIBC Datasheet
277Kb / 9P
Ambient Light Detector
LX1972MINI MICROSEMI-LX1972MINI Datasheet
53Kb / 1P
LX1972 Light Sensor
More results

Similar Description - LX1972

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT6000 VISHAY-TEMT6000 Datasheet
116Kb / 5P
Ambient Light Sensor
08-Jul-04
logo
Microsemi Corporation
LX1972A MICROSEMI-LX1972A Datasheet
277Kb / 9P
Ambient Light Detector
LX1974 MICROSEMI-LX1974 Datasheet
341Kb / 9P
Ambient Light Detector
logo
Vishay Siliconix
TEMT6000X01 VISHAY-TEMT6000X01_09 Datasheet
150Kb / 6P
Ambient Light Sensor
26-Mar-09
TEPT5600 VISHAY-TEPT5600_10 Datasheet
107Kb / 5P
Ambient Light Sensor
18-Jun-10
logo
Everlight Electronics C...
ALS-PDIC17-55C-TR8 EVERLIGHT-ALS-PDIC17-55C-TR8_09 Datasheet
429Kb / 14P
Ambient Light Sensor
ALS-PDIC17-77C-TR8 EVERLIGHT-ALS-PDIC17-77C-TR8 Datasheet
370Kb / 12P
Ambient Light Sensor
logo
Renesas Technology Corp
PH5553A2NA1 RENESAS-PH5553A2NA1_15 Datasheet
400Kb / 14P
Ambient Light Sensor
logo
Everlight Electronics C...
ALS-PDIC17-77B-TR8 EVERLIGHT-ALS-PDIC17-77B-TR8_15 Datasheet
404Kb / 13P
Ambient Light Sensor
logo
OSRAM GmbH
LRTBGVSG OSRAM-LRTBGVSG Datasheet
753Kb / 31P
Ambient light
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com