Electronic Components Datasheet Search
  English  ▼

X  

EPR-93 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # EPR-93
Description  Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-93 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button EPR-93 Datasheet HTML 26Page - Power Integrations, Inc. EPR-93 Datasheet HTML 27Page - Power Integrations, Inc. EPR-93 Datasheet HTML 28Page - Power Integrations, Inc. EPR-93 Datasheet HTML 29Page - Power Integrations, Inc. EPR-93 Datasheet HTML 30Page - Power Integrations, Inc. EPR-93 Datasheet HTML 31Page - Power Integrations, Inc. EPR-93 Datasheet HTML 32Page - Power Integrations, Inc. EPR-93 Datasheet HTML 33Page - Power Integrations, Inc. EPR-93 Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
EP-93 – 30 V, 1.07 A, 2.7 A (peak), Universal Input Supply
22-Jun-2006
Page 30 of 40
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
12 Output Ripple Measurements
12.1.1 Ripple Measurement Technique
For DC output ripple measurements, a modified oscilloscope test probe must be used to
reduce spurious signals due to pickup. Details of the probe modification are provided in
Figure 30 and Figure 31.
The Probe Master 5125BA probe adapter is affixed with two capacitors tied in parallel
across the probe tip. The capacitors include one (1) 0.1
µF/50 V ceramic type and one
(1) 1.0
µF/50 V aluminum electrolytic. The aluminum electrolytic type capacitor is
polarized, so proper polarity across DC outputs must be maintained (see below).
Figure 30 – Oscilloscope Probe Prepared for Ripple Measurement (End Cap and Ground Lead Removed).
Figure 31 – Oscilloscope Probe with Probe Master 5125BA BNC Adapter (Modified with Wires for Probe
Ground for Ripple Measurement, and Two Parallel Decoupling Capacitors Added).
Probe Ground
Probe Tip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com