Electronic Components Datasheet Search
  English  ▼

X  

EPR-93 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # EPR-93
Description  Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-93 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  EPR-93 Datasheet HTML 1Page - Power Integrations, Inc. EPR-93 Datasheet HTML 2Page - Power Integrations, Inc. EPR-93 Datasheet HTML 3Page - Power Integrations, Inc. EPR-93 Datasheet HTML 4Page - Power Integrations, Inc. EPR-93 Datasheet HTML 5Page - Power Integrations, Inc. EPR-93 Datasheet HTML 6Page - Power Integrations, Inc. EPR-93 Datasheet HTML 7Page - Power Integrations, Inc. EPR-93 Datasheet HTML 8Page - Power Integrations, Inc. EPR-93 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
22-Jun-2006
EP-93 – 30 V, 1.07 A, 2.7 A (peak), Universal Input Supply
Page 5 of 40
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
1
Introduction
This document is an engineering report describing a 90-265 VAC input, 30 V, 1.07 A
continuous, 2.7 A peak output power supply utilizing a PKS606Y. This power supply is
intended as a general-purpose evaluation platform for PeakSwitch, and is ideal for
applications where a significant pulsed output load is required, such as printers, audio
amplifiers, DVRs and DC motor drives.
The document contains the power supply specification, schematic, bill of materials,
transformer documentation, printed circuit layout, and performance data.
Figure 1 – EP-93 Populated Circuit Board Photograph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com