Electronic Components Datasheet Search
  English  ▼

X  

RDR-83 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # RDR-83
Description  Reference Design Report for 1.6 W, Linear Replacement Adapter with 10 kV surge withstand
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

RDR-83 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button RDR-83 Datasheet HTML 26Page - Power Integrations, Inc. RDR-83 Datasheet HTML 27Page - Power Integrations, Inc. RDR-83 Datasheet HTML 28Page - Power Integrations, Inc. RDR-83 Datasheet HTML 29Page - Power Integrations, Inc. RDR-83 Datasheet HTML 30Page - Power Integrations, Inc. RDR-83 Datasheet HTML 31Page - Power Integrations, Inc. RDR-83 Datasheet HTML 32Page - Power Integrations, Inc. RDR-83 Datasheet HTML 33Page - Power Integrations, Inc. RDR-83 Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
RDR-83 7.7 V, 210 mA Adapter with 10 kV surge withstand
29-Sept-06
Page 30 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
13 Conducted EMI
Measurements were made with the output RTN of the supply connected to the artificial
hand connection on the LISN (line impedance stabilization network) to represent worst-
case conditions.
The results show excellent margin of >15 dB
µV to both the quasi-peak and the average
limit lines.
Power Integrations
150 kHz
30 MHz
1 QP
CLRWR
2 AV
CLRWR
SGL
TDF
dBµV
dBµV
RBW
9 kHz
MT
500 ms
PREAMP OFF
Att 10 dB AUTO
28.Aug 06 09:43
1 MHz
10 MHz
-20
-10
0
10
20
30
40
50
60
70
80
LIMIT CHECK
MARG
LINE EN55022A MARG
LINE EN55022Q MARG
1
Marker 1 [T1 ]
28.50 dBµV
182.849162999 kHz
EN55022A
EN55022Q
Figure 26 –
Conducted EMI, Maximum Steady State Load, 115 VAC, 60 Hz, and EN55022 B Limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com