Electronic Components Datasheet Search
  English  ▼

X  

RDR-83 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # RDR-83
Description  Reference Design Report for 1.6 W, Linear Replacement Adapter with 10 kV surge withstand
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

RDR-83 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  RDR-83 Datasheet HTML 1Page - Power Integrations, Inc. RDR-83 Datasheet HTML 2Page - Power Integrations, Inc. RDR-83 Datasheet HTML 3Page - Power Integrations, Inc. RDR-83 Datasheet HTML 4Page - Power Integrations, Inc. RDR-83 Datasheet HTML 5Page - Power Integrations, Inc. RDR-83 Datasheet HTML 6Page - Power Integrations, Inc. RDR-83 Datasheet HTML 7Page - Power Integrations, Inc. RDR-83 Datasheet HTML 8Page - Power Integrations, Inc. RDR-83 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
RDR-83 7.7 V, 210 mA Adapter with 10 kV surge withstand
29-Sept-06
Page 2 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction.................................................................................................................3
2
Power Supply Specification ........................................................................................4
2.1
Typical Output Characteristic and limits ..............................................................5
3
Schematic...................................................................................................................6
4
Circuit Description ......................................................................................................7
4.1
Input Stage ..........................................................................................................7
4.2
LinkSwitch-LP
......................................................................................................7
4.3
Feedback.............................................................................................................8
4.4
Output Rectification .............................................................................................9
5
PCB Layout ..............................................................................................................10
6
Bill Of Materials ........................................................................................................11
7
Transformer Specification.........................................................................................12
7.1
Electrical Diagram .............................................................................................12
7.2
Electrical Specifications.....................................................................................12
7.3
Materials............................................................................................................12
7.4
Transformer Build Diagram ...............................................................................13
7.5
Transformer Construction..................................................................................13
8
Design Spreadsheets ...............................................................................................14
9
Performance Data ....................................................................................................19
9.1
Efficiency ...........................................................................................................19
9.1.1
Active Mode ENERGY STAR / CEC Efficiency Measurement Data...........20
9.2
No-load Input Power..........................................................................................21
9.3
Available Standby Output Power.......................................................................21
9.4
Regulation .........................................................................................................22
9.4.1
VI Curve vs. Input Voltage..........................................................................22
10
Thermal Performance ...........................................................................................23
10.1 LNK562 Temperature Rise................................................................................23
10.2 Thermal Image ..................................................................................................23
11
Waveforms............................................................................................................24
11.1 Drain Voltage and Current, Normal Operation...................................................24
11.2 Output Voltage Start-up Profile..........................................................................24
11.3 Drain Voltage and Current Start-up Profile ........................................................25
11.4 Load Transient Response (50% to 100% Load Step) .......................................26
11.5 Output Ripple Measurements............................................................................27
11.5.1
Ripple Measurement Technique ................................................................27
11.5.2
Measurement Results ................................................................................28
12
Line Surge.............................................................................................................29
13
Conducted EMI .....................................................................................................30
14
Revision History ....................................................................................................32
Important Note:
Although this board is designed to satisfy safety isolation requirements, the engineering prototype
has not been agency approved. Therefore, all testing should be performed using an isolation
transformer to provide the AC input to the prototype board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com