Electronic Components Datasheet Search
  English  ▼

X  

AM79M535 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79M535
Description  Metering Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79M535 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79M535 Datasheet HTML 8Page - Advanced Micro Devices AM79M535 Datasheet HTML 9Page - Advanced Micro Devices AM79M535 Datasheet HTML 10Page - Advanced Micro Devices AM79M535 Datasheet HTML 11Page - Advanced Micro Devices AM79M535 Datasheet HTML 12Page - Advanced Micro Devices AM79M535 Datasheet HTML 13Page - Advanced Micro Devices AM79M535 Datasheet HTML 14Page - Advanced Micro Devices AM79M535 Datasheet HTML 15Page - Advanced Micro Devices AM79M535 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Am79M535 Data Sheet
Table 2.
User-Programmable Components
ZT is connected between the VTX and RSN pins. The fuse
resistors are RF, and Z2WIN is the desired 2-wire AC input
impedance. When computing ZT, the internal current amplifier
pole and any external stray capacitance between VTX and
RSN must be taken into account.
ZRX is connected from VRX to the RSN pin, ZT is defined
above, and G42L is the desired receive gain.
RDC1, RDC2, and CDC form the network connected to the
RDC pin. RDC1 and RDC2 are approximately equal.
RD and CD form the network connected from RD to –5 V and
IT is the threshold current between on hook and off hook.
ZM is connected from VMG (metering source) to the RSN pin,
VM2W is the desired magnitude of the metering signal at the
2-wire output (usually 2.2 Vrms) and K1 ( ) is defined below.
where: CX = The values of the identical capacitors from
A and B to GND
metering frequency
Z
T
510 Z
2W IN
2R
F
–
()
=
Z
RX
Z
L
G
42L
-----------
1000
Z
T
•
Z
T
510 Z
L
2R
F
+
()
+
-------------------------------------------------
•
=
R
DC I
R
DC2
2500
I
FEED
-------------
=
+
C
DC
1.5 ms
R
DC 1
R
DC2
+
R
DC1
R
DC 2
•
--------------------------------
•
=
R
D
365
I
T
---------
C
D
,
0.5 ms
R
D
-----------------
==
Z
M
V
MG
V
M2W
---------------
K
1 ω
() Z
L
Z
T
•
•
Z
T
0.51
K
1 ω
() 2R
F
Z
L
+
()
•
+
-------------------------------------------------------------------------
•
=
ω
K
1 ω
()
1000
1j
ω 11.5 10
9
–
CX 2
⁄
+
•
() 36 Z
L
2R
F
++
()
+
--------------------------------------------------------------------------------------------------------------
=
ω
2
π•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com