Electronic Components Datasheet Search
  English  ▼

X  

699 Datasheet(PDF) 1 Page - Bi technologies

Part # 699
Description  Dual In-Line Precision Thin Film Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

699 Datasheet(HTML) 1 Page - Bi technologies

  699 Datasheet HTML 1Page - Bi technologies 699 Datasheet HTML 2Page - Bi technologies 699 Datasheet HTML 3Page - Bi technologies 699 Datasheet HTML 4Page - Bi technologies 699 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4
4-149
Models 694, 698, 699
ELECTRICAL
Operating Temperature Range
-55°C to +125°C
Resistance Voltco
≈0
Interlead Capacitance
<2pF
Operating Voltage, Maximum
100Vdc or
√PR
Insulation Resistance
≥10,000 Megohms
Noise, Maximum (MIL-STD-202, Method 308)
-40dB
ENVIRONMENTAL (PER MIL-R-83401)
Thermal Shock plus Power Conditioning
∆R ±0.25%
Short Time Overload
∆R ±0.10%
Terminal Strength
∆R ±0.10%
Moisture Resistance
∆R ±0.20%
Mechanical Shock
∆R ±0.25%
Vibration
∆R ±0.25%
Low Temperature Storage
∆R ±0.10%
High Temperature Exposure
∆R ±0.10%
Load Life, 1,000 Hours
∆R ±0.10%
Resistance to Solder Heat
∆R ±0.10%
Dielectric Withstanding Voltage
200V rms for 1 minute
Marking Permanency
MIL-STD-202, Method 215
Lead Solderability
MIL-STD-202, Method 208
Flammability
UL-94V-O Rated
Storage Temperature Range
-65°C to +125°C
MODELS
694, 698, 699
Dual In-Line
Precision Thin Film
Resistor Networks
FEATURES
• Unique passivation coating eliminates moisture concerns and allows for use in applications traditionally
restricted to tantalum nitride
• Outperforms other thin film resistor materials providing excellent tolerances, ratio matching,
temperature coefficient, and temperature tracking
• Improved performance over silicon substrates in stray capacitance, frequency response and stability


Similar Part No. - 699

ManufacturerPart #DatasheetDescription
logo
Bi technologies
699 BITECH-699 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
Marl International Limi...
699 MARL-699 Datasheet
359Kb / 4P
횠12.7mm mounting Product will operate over a wide input voltage range
logo
Bi technologies
699 BITECH-699 Datasheet
251Kb / 3P
Isolated, bussed and other circuits
logo
3M Electronics
699 3M-699 Datasheet
559Kb / 4P
3M™ Scotch® High Tack Multipack Tape 699
Sep-2015
logo
Abbatron All Rights Res...
699 ABBATRON-699 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 699

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
Dual-In-Line Thick Film Resistor Networks
logo
Vishay Siliconix
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
Thin Film Chip Resistor Networks
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
Thick Film, Dual-in-Line Resistor Networks
21-Aug-06
CNS471 VISHAY-CNS471_08 Datasheet
322Kb / 3P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
logo
Bi technologies
688 BITECH-688_12 Datasheet
351Kb / 4P
Precision Thin Film .300??Dual In-Line Surface Mount Resistor Networks
logo
Vishay Siliconix
AORN VISHAY-AORN Datasheet
101Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
24-Feb-15
NOMCA VISHAY-NOMCA Datasheet
107Kb / 5P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
24-Feb-12
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
AORN VISHAY-AORN_V01 Datasheet
96Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
06-Apr-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com