Electronic Components Datasheet Search
  English  ▼

X  

699 Datasheet(PDF) 4 Page - Bi technologies

Part # 699
Description  Dual In-Line Precision Thin Film Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

699 Datasheet(HTML) 4 Page - Bi technologies

  699 Datasheet HTML 1Page - Bi technologies 699 Datasheet HTML 2Page - Bi technologies 699 Datasheet HTML 3Page - Bi technologies 699 Datasheet HTML 4Page - Bi technologies 699 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-152
Models 694, 698, 699
Percent of
Rated Power
100
80
60
40
20
0
150
125
70
-0
Degrees C
POWER DERATING CURVE
POWER (WATTS) DISSIPATION, AT 70°C
Model
Package
Resistor
694
0.4
0.15
698-1
0.6
0.05
698-3
0.6
0.10
699-1
0.6
0.05
699-3
0.6
0.10
STANDARD RESISTANCE VALUES, OHMS
694-1
11K
47K
694-3:
100*
500*
1K*
2K*
5K*
10K*
20K*
50K
100K*
694-6:
1K
10K
694-7:
1K
698-1:
470
1K
2K
4.7K
10K
20K
22K
47K
100K
698-3:
100
330
470
1K*
1.5K
2K
2.2K
3.3K
4.7K
5K
10K*
15K
20K*
22K
47K*
50K*
100K*
699-1:
1K
437K
5K
10K
20K
50K
100K
699-3:
1K
2K
3.3K
4.7K
5K
10K
20K
22K
47K
50K
100K
All values available in Accuracy Codes B, D, & F. except -6 or -7 circuits.
* Items with asterick are also available in Accuracy Code A.
Consult factory for additional values.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com