Electronic Components Datasheet Search
  English  ▼

X  

3371 Datasheet(PDF) 2 Page - Bi technologies

Part # 3371
Description  1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

3371 Datasheet(HTML) 2 Page - Bi technologies

  3371 Datasheet HTML 1Page - Bi technologies 3371 Datasheet HTML 2Page - Bi technologies 3371 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2-32
Model 3371
SPECIAL FEATURES
Center Tap
CT
Linearity Tape
LT
Flatted Shaft
FS
Slotted Shaft
SS
Shaft Lock
SL
Stop
ST
STANDARD RESISTANCE VALUES, OHMS
1K
2K
5K
10K
20K
50K
100K
FEATURES/BENEFITS
• Low noise
• Excellent “output” smoothness
MECHANICAL
Total Mechanical Travel
360° continuous (350° ±2° with stop feature)
Number of Gangs, Maximum
1
Weight, Nominal
1.5 oz.
Shaft Runout, T.I.R., Maximum
.0025”
Pilot Diameter Runout, T.I.R., Maximum
.0025”
Lateral Runout, T.I.R., Maximum
.003”
Shaft Radial Play, Maximum
.004”
Shaft End Play, Maximum
.007”
Start/Run Torque, Maximum
1.0 oz.-in
METRIC CONVERSIONS
1 in.
25.4mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com