Electronic Components Datasheet Search
  English  ▼

X  

3371 Datasheet(PDF) 3 Page - Bi technologies

Part # 3371
Description  1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

3371 Datasheet(HTML) 3 Page - Bi technologies

  3371 Datasheet HTML 1Page - Bi technologies 3371 Datasheet HTML 2Page - Bi technologies 3371 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2
2-33
Model 3371
ORDERING INFORMATION
3371 R 10K T5 L .5 XX
Model Series
Resistance Prefix
Resistance Value
Optional Special
Feature Code
Linearity
Optional
Non-Standard Tolerance
CIRCUIT DIAGRAM
(CCW)
(S)
(CW)
OUTLINE DIMENSIONS (Inch/mm)
CCW
Slider
CT
CW
CT When Specified
1.312
±.016
33.33
±0.41
.375
±.016
9.53
±0.41
.062
±.016
1.58
±0.41
.734
±.016
18.6
±0.41
.891
±.031
22.6
±0.79
Mounting Surface
.875
±.031
22.2
±0.79
.062
±.016
1.58
±0.41
+.0000
-.0003
+0.000
-0.008
.2497
6.342
Dia.
+.000
-.002
+0.00
-0.05
.406
10.3
Dia.
Chamfer .016
0.41
Max. x 45
°
3/8-32 UNEF Thread
Locating Lug:
.125
±.005
3.18
±0.13
Dia.
.562
±.016
14.3
±0.41
.031
±.016
0.79
±0.41
Metric equivalents, based on 1 inch = 25.4mm are rounded to
the same number of significant figures as in the original
English units and are provided for general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches
(.25mm)
Angular = ± 2 degrees
NOTES
mm
INCH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com