Electronic Components Datasheet Search
  English  ▼

X  

TDA4657 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA4657
Description  Generic multi-standard decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4657 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA4657 Datasheet HTML 3Page - NXP Semiconductors TDA4657 Datasheet HTML 4Page - NXP Semiconductors TDA4657 Datasheet HTML 5Page - NXP Semiconductors TDA4657 Datasheet HTML 6Page - NXP Semiconductors TDA4657 Datasheet HTML 7Page - NXP Semiconductors TDA4657 Datasheet HTML 8Page - NXP Semiconductors TDA4657 Datasheet HTML 9Page - NXP Semiconductors TDA4657 Datasheet HTML 10Page - NXP Semiconductors TDA4657 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
June 1993
7
Philips Semiconductors
Preliminary specification
Generic multi-standard decoder
TDA4657
CHARACTERISTICS
Measured with application circuit (Fig.4) at Tamb = +25 °C, 8 V supply, 75% colour bar chrominance input signal of
200 mV (peak-to-peak value) and nominal phase for NTSC unless otherwise specified. All voltages measured
referenced to ground.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
7.2
8.0
8.8
V
I
supply current
VP = 8.0 V without
load
25
31
37
mA
Ptot
total power dissipation
VP = 8.0 V without
load
−
248
296
mW
CD signals outputs (pins 1 and 3)
PAL or NTSC
V1
colour difference output signals
independent of supply voltage; note 1
−(R−Y) output PAL and NTSC 4.43 MHz
(peak-to-peak value)
442
525
624
mV
V3
−(B−Y) output PAL and NTSC 4.43 MHz
(peak-to-peak value)
559
665
791
mV
V1/V3
ratio of CD signal amplitudes
V(R
−Y)/V(B−Y)
note 2
0.75
0.79
0.83
−
m
signal linearity
−(R−Y) output
V1 = 0.8 V (p-p)
0.8
−−
−
signal linearity
−(B−Y) output
V3 = 1.0 V (p-p)
0.8
−−
−
fg
cut-off frequency (both outputs)
−3dB
−
1
−
MHz
td
chrominance delay time
220
270
320
ns
S/N
signal to noise ratio for nominal output
voltages
note 3
40
−−
dB
V1, V3
residual carrier at CD outputs
1
× subcarrier frequency
(peak-to-peak value)
−−
10
mV
2
× subcarrier frequency
(peak-to-peak value)
−−
30
mV
H/2 content at R
−Y output at nominal input
signal (peak-to-peak value)
−−
10
mV
A
crosstalk between CD Channels
−40
−−
dB
R1, R3
output resistance (npn emitter follower)
−−
200
Ω
I1, I3
output current
−−
−3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com