Electronic Components Datasheet Search
  English  ▼

X  

TDA4657 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4657
Description  Generic multi-standard decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4657 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4657 Datasheet HTML 1Page - NXP Semiconductors TDA4657 Datasheet HTML 2Page - NXP Semiconductors TDA4657 Datasheet HTML 3Page - NXP Semiconductors TDA4657 Datasheet HTML 4Page - NXP Semiconductors TDA4657 Datasheet HTML 5Page - NXP Semiconductors TDA4657 Datasheet HTML 6Page - NXP Semiconductors TDA4657 Datasheet HTML 7Page - NXP Semiconductors TDA4657 Datasheet HTML 8Page - NXP Semiconductors TDA4657 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
June 1993
2
Philips Semiconductors
Preliminary specification
Generic multi-standard decoder
TDA4657
FEATURES
• Low voltage (8 V)
• Low power dissipation (250 mW)
• Automatic standard recognition
• No adjustments required
• Reduced external components
• Not all time constants integrated
(ACC, SECAM de-emphasis).
GENERAL DESCRIPTION
The TDA4657 is a monolithic integrated multi-standard
colour decoder for PAL, SECAM and NTSC 4.43 MHz with
negative colour difference output signals. It is adapted to
the integrated baseband delay line TDA4660/61.
QUICK REFERENCE DATA
Notes to the quick reference data
1.
Within 2 dB output voltage deviation.
2. Burstkey width 4.3
µs
Burst width 2.25
µs,
ratio burst chrominance amplitude 1/2.2.
ORDERING INFORMATION
Note
1. SOT146-1; 1996 November 26.
2. SOT163-1; 1996 November 26.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP. MAX.
UNIT
Supply
VP
supply voltage
7.2
8.0
8.8
V
IP
supply current
VP = 8.0 V; without load 25
31
37
mA
Ptot
total power dissipation
VP = 8.0 V; without load −
248
296
mW
Inputs
V9
chrominance input voltage
(peak-to-peak value)
note 1
20
200
400
mV
V20
sandcastle input voltage
−−
13.2
V
Outputs
V1
colour difference output signals
(peak-to-peak value)
independent of supply voltage; note 2
−(R−Y) output PAL and NTSC 4.43 MHz
442
525
624
mV
SECAM
950
1050 1150
mV
V3
−(B−Y) output PAL and NTSC 4.43 MHz
559
665
791
mV
SECAM
1200
1330 1460
mV
EXTENDED
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA4657
20
DIL
plastic
SOT146(1)
TDA4657T
20
SO
plastic
SOT163A(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com