Electronic Components Datasheet Search
  English  ▼

X  

TDA4680 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA4680
Description  Video processor with automatic cut-off and white level control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4680 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA4680 Datasheet HTML 4Page - NXP Semiconductors TDA4680 Datasheet HTML 5Page - NXP Semiconductors TDA4680 Datasheet HTML 6Page - NXP Semiconductors TDA4680 Datasheet HTML 7Page - NXP Semiconductors TDA4680 Datasheet HTML 8Page - NXP Semiconductors TDA4680 Datasheet HTML 9Page - NXP Semiconductors TDA4680 Datasheet HTML 10Page - NXP Semiconductors TDA4680 Datasheet HTML 11Page - NXP Semiconductors TDA4680 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1996 Oct 25
8
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4680
AUTO-INCREMENT
The auto-increment format enables quick slave receiver
initialization by one transmission, when the I2C-bus control
bit BREN = 0 (see control register bits of Table 1).
If BREN = 1 auto-increment is not possible.
If the auto-increment format is selected, the MAD byte is
followed by a SAD byte and by the data bytes of
consecutive sub-addresses (Fig.6).
All sub-addresses from 00H to 0FH are automatically
incremented, the sub-address counter wraps round from
0FH to 00H. Reserved sub-addresses 0BH, 0EH and 0FH
are treated as legal but have no effect. Sub-addresses
outside the range 00H and 0FH are not acknowledged by
the device and neither auto-increment nor any other
internal operation takes place (for versions V1 to V5
sub-addresses outside the range 00H and 0FH are
acknowledged but neither auto-increment nor any other
internal operation takes place).
Sub-addresses are stored in the TDA4680 to address the
following parameters and functions (see Table 1):
• Brightness adjust
• Saturation adjust
• Contrast adjust
• Hue control voltage
• RGB gain adjust
• RGB reference voltage levels
• Peak drive limiting adjust
• Control register functions.
The data bytes D7 to D0 (see Table 1) provide the data of
the parameters and functions for video processing.
CONTROL REGISTER 1
VBWx (Vertical Blanking Window):
x = 0, 1 or 2. VBWx selects the vertical blanking interval
and positions the measurement lines for cut-off and
white level control.
The actual lines in the vertical blanking interval after the
start of the vertical pulses selected as measurement lines
for cut-off and white level control are shown in Table 2.
The standards marked with (*) are for progressive line
scan at double line frequency (2fL), i.e. approximately
31 kHz.
NMEN (NTSC Matrix Enable):
0 = PAL/SECAM matrix
1 = NTSC matrix.
WPEN (White Pulse Enable):
0 = white measuring pulse disabled
1 = white measuring pulse enabled.
BREN (Buffer Register Enable):
0 = new data is executed as soon as it is received
1 = data is stored in buffer registers and is transferred to
the data registers during the next vertical blanking
interval.
The I2C-bus transceiver does not accept any new data
until this data is transferred into the data registers.
DELOF (Delay Off) delays the leading edge of clamping
pulses:
0 = delay enabled
1 = delay disabled.
SC5 (SandCastle 5 V):
0 = 3-level sandcastle pulse
1 = 2-level (5 V) sandcastle pulse.
CONTROL REGISTER 2
FSON2 (Fast Switch 2 ON)
FSDIS2 (Fast Switch 2 Disable)
FSON1 (Fast Switch 1 ON)
FSDIS1 (Fast Switch 1 Disable)
The RGB input signals are selected by FSON2 and
FSON1 or FSW2 and FSW1:
• FSON2 has priority over FSON1
• FSW2 has priority over FSW1
• FSDIS1 and FSDIS2 disable FSW1 and FSW2
(see Table 3).
BCOF (Black level Control Off):
0 = automatic cut-off control enabled
1 = automatic cut-off control disabled; RGB outputs are
clamped to fixed DC levels.
FSBL (Full Screen Black Level):
0 = normal mode
1 = full screen black level (cut-off measurement level
during full field).
FSWL (Full Screen White Level):
0 = normal mode
1 = full screen white level (white measurement level
during full field).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com