Electronic Components Datasheet Search
  English  ▼

X  

TDA4680 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4680
Description  Video processor with automatic cut-off and white level control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4680 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4680 Datasheet HTML 1Page - NXP Semiconductors TDA4680 Datasheet HTML 2Page - NXP Semiconductors TDA4680 Datasheet HTML 3Page - NXP Semiconductors TDA4680 Datasheet HTML 4Page - NXP Semiconductors TDA4680 Datasheet HTML 5Page - NXP Semiconductors TDA4680 Datasheet HTML 6Page - NXP Semiconductors TDA4680 Datasheet HTML 7Page - NXP Semiconductors TDA4680 Datasheet HTML 8Page - NXP Semiconductors TDA4680 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1996 Oct 25
2
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4680
FEATURES
• Operates from an 8 V DC supply
• Black level clamping of the colour difference, luminance
and RGB input signals with coupling-capacitor DC level
storage
• Two fully-controlled, analog RGB inputs, selected either
by fast switch signals or via I2C-bus
• Saturation, contrast and brightness adjustment via
I2C-bus
• Same RGB output black levels for Y/CD and RGB input
signals
• Timing pulse generation from either a 2 or 3-level
sandcastle pulse for clamping, horizontal and vertical
synchronization, cut-off and white level timing pulses
• Automatic cut-off control with picture tube leakage
current compensation
• Software-based automatic white level control or fixed
white levels via I2C-bus
• Cut-off and white level measurement pulses in the last
4 lines of the vertical blanking interval (I2C-bus selection
for PAL, SECAM, or NTSC, PAL-M)
• Increased RGB signal bandwidths for progressive scan
and 100 Hz operation (selected via I2C-bus)
• Two switch-on delays to prevent discolouration before
steady-state operation
• Average beam current and peak drive limiting
• PAL/SECAM or NTSC matrix selection via I2C-bus
• Three adjustable reference voltage levels (via I2C-bus)
for automatic cut-off and white level control
• Emitter-follower RGB output stages to drive the video
output stages
• Hue control output for the TDA4555, TDA4650/T,
TDA4655/T or TDA4657.
GENERAL DESCRIPTION
The TDA4680 is a monolithic integrated circuit with a
colour difference interface for video processing in TV
receivers. Its primary function is to process the luminance
and colour difference signals from multistandard colour
decoders, TDA4555, TDA4650/T, TDA4655/T or
TDA4657, Colour Transient Improvement (CTI) IC,
TDA4565, Picture Signal Improvement (PSI) IC,
TDA4670, or from a feature module.
The required input signals are:
• Luminance and negative colour difference signals
• 2 or 3-level sandcastle pulse for internal timing pulse
generation
• I2C-bus data and clock signals for microcontroller
control.
Two sets of analog RGB colour signals can also be
inserted, e.g. one from a peritelevision connector and the
other from an on-screen display generator; both inputs are
fully-controlled internally. The TDA4680 includes full
I2C-bus control of all parameters and functions with
automatic cut-off and white level control of the picture tube
cathode currents. It provides RGB output signals for the
video output stages.
There is a very similar IC TDA4681 available. The only
differences are in the NTSC matrix.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4680
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
TDA4680WP
PLCC28
plastic leaded chip carrier; 28 leads
SOT261-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com