Electronic Components Datasheet Search
  English  ▼

X  

TDA4681 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA4681
Description  Video processor with automatic cut-off and white level control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4681 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA4681 Datasheet HTML 4Page - NXP Semiconductors TDA4681 Datasheet HTML 5Page - NXP Semiconductors TDA4681 Datasheet HTML 6Page - NXP Semiconductors TDA4681 Datasheet HTML 7Page - NXP Semiconductors TDA4681 Datasheet HTML 8Page - NXP Semiconductors TDA4681 Datasheet HTML 9Page - NXP Semiconductors TDA4681 Datasheet HTML 10Page - NXP Semiconductors TDA4681 Datasheet HTML 11Page - NXP Semiconductors TDA4681 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1997 Mar 04
8
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4681
AUTO-INCREMENT
The auto-increment format enables quick slave receiver
initialization by one transmission, when the I2C-bus control
bit BREN = 0 (see control register bits of Table 1).
If BREN = 1 auto-increment is not possible.
If the auto-increment format is selected, the MAD byte is
followed by a SAD byte and by the data bytes of
consecutive subaddresses (see Fig.6).
All subaddresses from 00H to 0FH are automatically
incremented, the subaddress counter wraps round from
0FH to 00H. Reserved subaddresses 0BH, 0EH and 0FH
are treated as legal but have no effect. Subaddresses
outside the range 00H and 0FH are not acknowledged by
the device and neither auto-increment nor any other
internal operation takes place (for versions V1 to V5
subaddresses outside the range 00H and 0FH are
acknowledged but neither auto-increment nor any other
internal operation takes place).
Subaddresses are stored in the TDA4681 to address the
following parameters and functions (see Table 1):
• Brightness adjust
• Saturation adjust
• Contrast adjust
• Hue control voltage
• RGB gain adjust
• RGB reference voltage levels
• Peak drive limiting adjust
• Control register functions.
The data bytes D7 to D0 (see Table 1) provide the data of
the parameters and functions for video processing.
CONTROL REGISTER 1
VBWx (Vertical Blanking Window):
x = 0, 1 or 2. VBWx selects the vertical blanking interval
and positions the measurement lines for cut-off and
white level control.
The actual lines in the vertical blanking interval after the
start of the vertical pulses selected as measurement lines
for cut-off and white level control are shown in Table 2.
The standards marked with (*) are for progressive line
scan at double line frequency (2fL), i.e. approximately
31 kHz.
NMEN (NTSC Matrix Enable):
0 = PAL/SECAM matrix
1 = NTSC matrix.
WPEN (White Pulse Enable):
0 = white measuring pulse disabled
1 = white measuring pulse enabled.
BREN (Buffer Register Enable):
0 = new data is executed as soon as it is received
1 = data is stored in buffer registers and is transferred to
the data registers during the next vertical blanking
interval.
The I2C-bus transceiver does not accept any new data
until this data is transferred into the data registers.
DELOF (Delay Off) delays the leading edge of clamping
pulses:
0 = delay enabled
1 = delay disabled.
SC5 (SandCastle 5 V):
0 = 3-level sandcastle pulse
1 = 2-level (5 V) sandcastle pulse.
CONTROL REGISTER 2
FSON2 (Fast Switch 2 ON)
FSDIS2 (Fast Switch 2 Disable)
FSON1 (Fast Switch 1 ON)
FSDIS1 (Fast Switch 1 Disable)
The RGB input signals are selected by FSON2 and
FSON1 or FSW2 and FSW1:
• FSON2 has priority over FSON1
• FSW2 has priority over FSW1
• FSDIS1 and FSDIS2 disable FSW1 and FSW2
(see Table 3).
BCOF (Black level Control Off):
0 = automatic cut-off control enabled
1 = automatic cut-off control disabled; RGB outputs are
clamped to fixed DC levels.
FSBL (Full Screen Black Level):
0 = normal mode
1 = full screen black level (cut-off measurement level
during full field).
FSWL (Full Screen White Level):
0 = normal mode
1 = full screen white level (white measurement level
during full field).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com