Electronic Components Datasheet Search
  English  ▼

X  

TDA4681 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA4681
Description  Video processor with automatic cut-off and white level control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4681 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA4681 Datasheet HTML 14Page - NXP Semiconductors TDA4681 Datasheet HTML 15Page - NXP Semiconductors TDA4681 Datasheet HTML 16Page - NXP Semiconductors TDA4681 Datasheet HTML 17Page - NXP Semiconductors TDA4681 Datasheet HTML 18Page - NXP Semiconductors TDA4681 Datasheet HTML 19Page - NXP Semiconductors TDA4681 Datasheet HTML 20Page - NXP Semiconductors TDA4681 Datasheet HTML 21Page - NXP Semiconductors TDA4681 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1997 Mar 04
18
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4681
9. The vertical blanking interval is defined by a vertical pulse which contains 4 (8) or more horizontal pulses; it begins
with the start of the vertical pulse and ends with the end of the white measuring line. If the vertical pulse is longer
than the selected vertical blanking window the blanking period ends with the end of the complete line after the end
of the vertical pulse. The counter cycle time is 31 (63) horizontal pulses. If the vertical pulse contains more than
29 (57) horizontal pulses, the black level storage capacitors will be discharged while all signals are blanked.
During leakage current measurement, the RGB channels are blanked to ultra-black level. During cut-off
measurement one channel is set to the measurement pulse level, the other channels are blanked to ultra-black.
Since the brightness adjust shifts the colour signal relative to the black level, the brightness adjust is disabled during
the vertical blanking interval (see Figs 7 and 8).
10. During picture cathode warming up (first switch-on delay) the RGB outputs (pins 24, 22 and 20) are blanked to the
ultra-black level during line scan. During the vertical blanking interval a white-level monitor pulse is fed out on the
RGB outputs and the cathode currents are measured. When the voltage threshold on pin 19 is greater than 5.0 V,
the monitor pulse is switched off and cut-off and white level control are activated (second switch-on delay). As soon
as cut-off control stabilizes, RGB output blanking is removed.
11. Range of cut-off measurement level at the RGB outputs is 1 to 5 V. The recommended value is 3 V.
12. The hue control output at pin 26 is an emitter follower with current source.
Table 5
Demodulator axes and amplification factors
Table 6
PAL/SECAM and NTSC matrix; notes 1 and 2
Notes
1. PAL/SECAM signals are matrixed by the equation: VG − Y = −0.51VR − Y − 0.19VB − Y
NTSC signals are matrixed by the equations (hue phase shift of
−5 degrees):
VR − Y* = 1.39VR − Y − 0.07VB − Y; VG − Y* = −0.46VR − Y − 0.15VB − Y; VB − Y* =VB − Y
In the matrix equations: VR − Y and VB − Y are conventional PAL demodulation axes and amplitudes at the output of
the NTSC demodulator. VG − Y*, VR − Y* and VB − Y* are the NTSC modified colour difference signals; this is equivalent
to the demodulator axes and amplification factors shown in Table 5. VG − Y* = −0.33VR − Y* − 0.17VB − Y*.
2. The vertical blanking interval is selected via the I2C-bus (see Table 2 and Fig.8). Vertical blanking is determined by
the vertical component of the sandcastle pulse; this vertical component has priority when it is longer than the vertical
blanking interval of the transmission standard.
PARAMETER
NTSC
PAL
(B
− Y)* demodulator axis
0
°
0
°
(R
− Y)* demodulator axis
95
°
90
°
(R
− Y)* amplification factor
1.59
1.14
(B
− Y)* amplification factor
2.03
2.03
MATRIX
NMEN
PAL/SECAM
0
NTSC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com