Electronic Components Datasheet Search
  English  ▼

X  

IPS6041GPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IPS6041GPBF
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6041GPBF Datasheet(HTML) 4 Page - International Rectifier

  IPS6041GPBF Datasheet HTML 1Page - International Rectifier IPS6041GPBF Datasheet HTML 2Page - International Rectifier IPS6041GPBF Datasheet HTML 3Page - International Rectifier IPS6041GPBF Datasheet HTML 4Page - International Rectifier IPS6041GPBF Datasheet HTML 5Page - International Rectifier IPS6041GPBF Datasheet HTML 6Page - International Rectifier IPS6041GPBF Datasheet HTML 7Page - International Rectifier IPS6041GPBF Datasheet HTML 8Page - International Rectifier IPS6041GPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IPS6041(G)(R)(S)PbF
Protection Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ilim
Internal current limit
V
4
7
10
A
out=0V
Tsd+
Over temperature high threshold
150(1)
165
⎯
Tsd-
1
°C
S
Over temperature low threshold
⎯
58
⎯
ee fig. 2
Vsc
Short-circuit detection voltage(2)
2
3
4
UV
5
⎯
5
.9
UV hyst.
0.25
⎯
1.6
VOL Off
Open load detection threshold
3
4
V
2
I OL On
hold
0
0.1
0.2
A
Open load detection thres
.05
5
2
(
aranteed
(2) Reference
T
abl
ating C
OUT
DG
1) Gu
by design
to Vcc
rue T
e
Oper
onditions
IN
Normal
H
H
H
Normal
L
L
H
Open Load
H
H
L
Open Load (3)
L
H
L
Short circuit to
H
L
L
Gnd
Short circuit to
L
H
Gnd
L
Short circuit to
L (4)
Vcc
H
H
Short circuit to
L
Vcc (5)
L
H
Over-temperat
H
L
L
ure
Over-temperat
L
H
ure
L
(3) With a pull-up resistor connected between the output and Vcc.
(4) Vds lower tha
(5) Without a pull-up resistor connected between the output and Vcc.
Lead Assignments
n 10mV.
1 2 3 4
SO8
8 7 6 5
1- Gnd
2- In
3- DG
4- Out
5-6-7-8 Vcc
1 2 3 4 5
TO220
1- Gnd
2- In
3- Vcc
4- Dg
5- Out
3- Vcc
1 2 3 4 5
D²Pak – D Pak
3- Vcc
www.irf.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com