Electronic Components Datasheet Search
  English  ▼

X  

IPS6041GPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IPS6041GPBF
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6041GPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS6041GPBF Datasheet HTML 4Page - International Rectifier IPS6041GPBF Datasheet HTML 5Page - International Rectifier IPS6041GPBF Datasheet HTML 6Page - International Rectifier IPS6041GPBF Datasheet HTML 7Page - International Rectifier IPS6041GPBF Datasheet HTML 8Page - International Rectifier IPS6041GPBF Datasheet HTML 9Page - International Rectifier IPS6041GPBF Datasheet HTML 10Page - International Rectifier IPS6041GPBF Datasheet HTML 11Page - International Rectifier IPS6041GPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
IPS6041(G)(R)(S)PbF
www.irf.com
8
0.01
0.1
1
10
100
1E-5 1E-4 1E-3 1E-2
1E-1 1E+0 1E+1 1E+2 1E+3
0
2
4
6
8
-50
0
50
100
Figure 10 –I limit (A)
Vs junction temperature (°C)
Time (s)
Figure 9 – Transient thermal impedance (°C/W)
Tj, junction temperature (°C)
Vs time (s)
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
-50
0
50
100
150
Icc on
Icc off
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
0
5
10
15
20
25
30
Icc on
Icc off
Tj, junction temperature (°C)
Vcc
V)
, power supply voltage (
Figure 11 – Icc on/ Icc off (µA) Vs Vcc (V)
Fig
C)
ure 12 – Icc on/ Icc off (µA) Vs Tj (°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com