Electronic Components Datasheet Search
  English  ▼

X  

MRF581 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MRF581
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF581 Datasheet(HTML) 1 Page - Advanced Power Technology

  MRF581 Datasheet HTML 1Page - Advanced Power Technology MRF581 Datasheet HTML 2Page - Advanced Power Technology MRF581 Datasheet HTML 3Page - Advanced Power Technology MRF581 Datasheet HTML 4Page - Advanced Power Technology MRF581 Datasheet HTML 5Page - Advanced Power Technology MRF581 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MRF581/MRF581A
DESCRIPTION: Designed for high current, low power, low noise, amplifiers up to 1.0 GHz.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
MRF581
MRF581A
Unit
VCEO
Collector-Emitter Voltage
18
15
Vdc
VCBO
Collector-Base Voltage
30
Vdc
VEBO
Emitter-Base Voltage
2.5
Vdc
IC
Collector Current
200
mA
Thermal Data
P
D
Total Device Dissipation @ TC = 50º C
Derate above 50º C
2.5
25
Watts
mW/ ºC
P
D
Total Device Dissipation @ TC = 25º C
Derate above 25º C
1.25
10
Watts
mW/ ºC
Tstg
Storage Junction Temperature Range
-65 to +150
º C
TJmax
Maximum Junction Temperature
150
º C
Macro X
Features
• Low Noise - 2.5 dB @ 500 MHZ
• Gain at Optimum Noise Figure = 15.5 dB @ 500 MHz
• Ftau - 5.0 GHz @ 10v, 75mA
• Cost Effective MacroX Package
RF & MICROWAVE DISCRETE
LOW POWER TRANSISTORS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MRF581

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MRF581 MICROSEMI-MRF581 Datasheet
240Kb / 6P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Semiconductor
MRF581 ASI-MRF581 Datasheet
35Kb / 1P
NPN SILICON RF TRANSISTOR
logo
New Jersey Semi-Conduct...
MRF581 NJSEMI-MRF581 Datasheet
99Kb / 3P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Microsemi Corporation
MRF581 MICROSEMI-MRF581 Datasheet
162Kb / 6P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
More results

Similar Description - MRF581

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 ADPOW-BFR91 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF8372 ADPOW-MRF8372 Datasheet
62Kb / 3P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com