Electronic Components Datasheet Search
  English  ▼

X  

MRF581 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # MRF581
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF581 Datasheet(HTML) 3 Page - Advanced Power Technology

  MRF581 Datasheet HTML 1Page - Advanced Power Technology MRF581 Datasheet HTML 2Page - Advanced Power Technology MRF581 Datasheet HTML 3Page - Advanced Power Technology MRF581 Datasheet HTML 4Page - Advanced Power Technology MRF581 Datasheet HTML 5Page - Advanced Power Technology MRF581 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MRF581/MRF581A
FUNCTIONAL
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
NFmin
Minimum Noise Figure
MRF581
(IC = 50 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
MRF581A
-
2.5
2.0
3.0
3.0
dB
G
NF
Power Gain @ NFmin
(IC = 50 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
13
15.5
dB
G
U max
Maximum Unilateral Gain (1)
IC = 50 mAdc, VCE = 10 Vdc, f = 500 MHz
-
17.8
-
dB
MSG
Maximum Stable Gain
IC = 50 mAdc, VCE = 10 Vdc, f = 500 MHz
-
20
-
dB
|S21|
2
Insertion Gain
IC = 50 mAdc, VCE = 10 Vdc, f = 500 MHz
14
15
-
dB
Table 1. Common Emitter S-Parameters, @ VCE = 10 V, IC = 50 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
.610
-137
23.8
116
.026
46
.522
-78
200
.659
-161
13.2
98
.033
47
.351
-106
300
.671
-171
9.0
89
.040
51
.304
-120
400
.675
-178
6.8
83
.047
55
.292
-128
500
.677
176
5.5
77
.055
58
.293
-132
600
.678
172
4.6
72
.064
61
.299
-134
700
.677
168
4.0
68
.073
62
.306
-135
800
.679
184
3.5
64
.082
63
.314
-136
900
.678
160
3.1
60
.092
64
.322
-138
1000
.682
156
2.8
56
.102
65
.311
-139



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com