Electronic Components Datasheet Search
  English  ▼

X  

MRF586 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MRF586
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF586 Datasheet(HTML) 2 Page - Advanced Power Technology

  MRF586 Datasheet HTML 1Page - Advanced Power Technology MRF586 Datasheet HTML 2Page - Advanced Power Technology MRF586 Datasheet HTML 3Page - Advanced Power Technology MRF586 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MRF586
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCEO
IC = 5.0 mA
17
-
-
V
BVEBO
IE = 0.1 mA
3.0
-
-
V
BVCBO
IC =1.0 mA
30
-
-
V
ICBO
VCB = 10 V
-
50
-
µ
µ
µ
µA
HFE
VCE = 5.0 V
IC = 50 mA
40
-
200
-
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
fT
f = 300 MHz
IC = 90 mA
VCE = 14 V
-
3.0
-
GHz
COB
f = 1.0MHz
VCB = 10V
3.0
pf
FUNCTIONAL
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
G
U max
Maximum Unilateral Gain
(1)
IC = 40 mA, VCE = 15V, f =
300 MHz
-
12.5
-
dB
MAG
Maximum Available Gain
IC = 40 mA, VCE = 15V, f =
300 MHz
-
13.5
-
dB
|S21|
2
Insertion Gain
IC = 40 mA, VCE = 15V, f =
300 MHz
10
11.5
-
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com