Electronic Components Datasheet Search
  English  ▼

X  

MRF586 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # MRF586
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF586 Datasheet(HTML) 3 Page - Advanced Power Technology

  MRF586 Datasheet HTML 1Page - Advanced Power Technology MRF586 Datasheet HTML 2Page - Advanced Power Technology MRF586 Datasheet HTML 3Page - Advanced Power Technology MRF586 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MRF586
Table 1. Common Emitter S-Parameters, @ VCE = 15 V, IC = 40 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
∠ φ
∠ φ
∠ φ
|S21|
∠ φ
∠ φ
∠ φ
∠ φ
|S12|
∠ φ
∠ φ
∠ φ
∠ φ
|S22|
∠ φ
∠ φ
∠ φ
∠ φ
100
.096
107
10.28
103
.053
84
.479
-40
200
.129
114
5.58
89
.104
83
.361
-49
300
.165
108
3.94
79
.160
76
.356
-56
400
.185
115
3.04
71
.192
74
.388
-71
500
.237
115
2.64
67
.246
75
.384
-79
600
.247
112
2.42
60
.288
71
.408
-82
700
.247
113
2.26
54
.326
69
.417
-84
800
.238
118
2.06
48
.334
67
.432
-87
900
.260
119
1.97
47
.369
71
.420
-91
1000
.246
116
2.06
43
.405
67
.444
-92



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com