Electronic Components Datasheet Search
  English  ▼

X  

ABM8 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM8
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM8 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM8 Datasheet HTML 1Page - Abracon Corporation ABM8 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQ (MHz)
ESR (
Ω)max.
10.000 - 15.999
16.000 - 19.999
20.000 - 29.999
30.000 - 60.000
200
100
80
50
TABLE 1
|||||||||||||||
ABM8
APPLICATIONS:
• High density applications.
• Modems, communication and test equipment.
• PMCIA, Wireless applications.
FEATURES:
• Low in height; suitable for thin equipment.
• Ceramic package and metal lid assures high reliability.
• Tight tolerance and stability available.
• Suitable for solder reflow.
• High precision crystal, fundamental mode.
3.2 x 2.5 x 0.7mm
Pb RoHS
Compliant
ULTRA MINIATURE CERAMIC SMD CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.10.07
Visit www.abracon.com for Terms & Conditions of Sale
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
Blank
0.70+/-0.10
1
0.65+/-0.05
2
0.60+/-0.10
Please see Page 6 for quantity
3
0.55+/-0.05
E
0°C to +70°C
U
± 10 ppm (*)
B
-20°C to +70°C
G
± 15 ppm (*)
C
-30°C to +70°C
X
± 20 ppm
N
-30°C to +85°C
W
± 25 ppm
D
-40°C to +85°C
Y
± 30 ppm
*Contact ABRACON for
H
± 35 ppm
wider temp range.
Z
± 100 ppm (#)
(*) -10°C to +60°C only
(#) For extended temperatures
1
± 10 ppm
*Contact ABRACON for
7
± 15 ppm
tighter freq. stability.
2
± 20 ppm
3
± 25 ppm
4
± 30 ppm
Height (mm)
S for Series (minimum 7pF)
ABM8 - Frequency -
- R
- -
-
-
Load Capacitance
Please specify CL in pF or
*Consult with ABRACON for
CL value under 10pF.)
ESR
Frequency
XX.XXXX MHz
Packaging
Freq. Stability
RXXX (value in ohms
if it is custom.)
Operating Temp.
Freq. Tolerance
Tape and
Reel
T
Frequency Tolerance at +25°C
Frequency Stability over the
Operating Temp. (Ref to +25°C)
PARAMETERS
10.00 MHz - 60.00 MHz
Fundamental
-10°C to + 60°C (see options)
± 50 ppm max. (see options)
Frequency Range
ABRACON P/N
ABM8 Series
Operation Mode
Operating Temperature
Storage Temperature
- 55°C to + 125°C
± 50 ppm max. (see options)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C First Year
Insulation Resistance
See Table 1
18pF (see options)
100μ
Ω max., 10μΩ Typical
500M
Ω min
7pF max.
± 5ppm max.
. @ 100Vdc ± 15V


Similar Part No. - ABM8

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM8 ABRACON-ABM8 Datasheet
245Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.30.07
ABM8 ABRACON-ABM8 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM8 ABRACON-ABM8 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08/23/2018
ABM8-10.000MHZ ABRACON-ABM8-10.000MHZ Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08/23/2018
ABM8-12.000MHZ ABRACON-ABM8-12.000MHZ Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08/23/2018
More results

Similar Description - ABM8

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM11 ABRACON-ABM11 Datasheet
263Kb / 1P
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
ABM12 ABRACON-ABM12 Datasheet
195Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
05.01.07
logo
Fox Electronics
24000FM FOX-24000FM Datasheet
84Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM8 ABRACON-ABM8_07 Datasheet
245Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.30.07
logo
Fox Electronics
FM FOX-FM Datasheet
151Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
ABM8-166 ABRACON-ABM8-166 Datasheet
1Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.26.14
ABM10-165-38.400MHZ-T3 ABRACON-ABM10-165-38.400MHZ-T3 Datasheet
1Mb / 2P
Ultra Miniature Ceramic SMD Crystal
ABM13 ABRACON-ABM13 Datasheet
6Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com