Electronic Components Datasheet Search
  English  ▼

X  

ABM8 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM8
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM8 Datasheet(HTML) 2 Page - Abracon Corporation

  ABM8 Datasheet HTML 1Page - Abracon Corporation ABM8 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
|||||||||||||||
ABM8
ULTRA MINIATURE CERAMIC SMD CRYSTAL
ULTRA MINIATURE CERAMIC SMD CRYSTAL
3.2 x 2.5 x 0.7mm
Pb RoHS
Compliant
Dimensions: mm
ULTRA MINIATURE CERAMIC SMD CRYSTAL
TAPE & REEL:
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.10.07
Visit www.abracon.com for Terms & Conditions of Sale
Dimensions: inch (mm)
Please see Table 2 below for height and chamfer information
OUTLINE DRAWING:
TABLE 2
ABM8
ABM81
0.60+/-0.10
ABM82
0.55+/-0.05
#1 Only
#4 (Default), #1 (See Note)
#4 (Default), #1 (See Note)
0.70+/-0.10
Height (mm)
Chamfer PIN #
Note: Due to the availability of raw materials, this part
may be manufactured with the chamfer on pin 1. Be
advised that this does not affect the electrical
characteristics of the crystal in any way.
Chamfer on PIN 1
(See Note)
Chamfer on PIN 4
(Default)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com