Electronic Components Datasheet Search
  English  ▼

X  

C408 Datasheet(PDF) 46 Page - Coilcraft lnc.

Part # C408
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C408 Datasheet(HTML) 46 Page - Coilcraft lnc.

Back Button C408 Datasheet HTML 42Page - Coilcraft lnc. C408 Datasheet HTML 43Page - Coilcraft lnc. C408 Datasheet HTML 44Page - Coilcraft lnc. C408 Datasheet HTML 45Page - Coilcraft lnc. C408 Datasheet HTML 46Page - Coilcraft lnc. C408 Datasheet HTML 47Page - Coilcraft lnc. C408 Datasheet HTML 48Page - Coilcraft lnc. C408 Datasheet HTML 49Page - Coilcraft lnc. C408 Datasheet HTML 50Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
46
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
Through-Hole Power Inductors
Coilcraft through-hole power inductors offer a wide range of inductance values
and current ratings in a variety of sizes. These efficient, low-cost inductors are
intended for DC-DC converters and are suitable for many other power and filtering
applications. Body sizes are as small as 8 mm diameter (DR0608) with heights
ranging from 8 mm to 16 mm. Inductance values range from 0.9 µH to 18 mH.
The RFS Series (three sizes) features magnetic shielding.
Dimensions (inches mm)
Series
A max
B max
C
D
E
RFC0807
0.35 8,80
0.30 7,50
0.024 0,60
0.197 5,0
0.197 5,0
RFS1113
0.43 11,0
0.48 12,3
0.031 0,80
0.189 4,8
0.197 5,0
RFS1317
0.52 13,3
0.63 16,0
0.031 0,80
0.189 4,8
0.197 5,0
RFS1412
0.54 13,7
0.46 11,7
0.031 0,80
0.189 4,8
0.295 7,5
RFS1412 Shielded
I
sat(A)
I
rms(A)
Inductance
DCR(Ohms)
SRFtyp 10% 20% 30% 20°C
40°C
Partnumber
(µH)
nom
max
(MHz)
drop drop drop rise
rise
RFS1412-103ME
10±20%
0.016
0.018
36
6.2
7.4
8.1
5.80
7.90
RFS1412-153LE
15±15%
0.019
0.022
21
5.0
6.1
6.8
5.05
6.90
RFS1412-223KE
22±10%
0.029
0.032
13
4.4
5.2
5.7
4.05
5.60
RFS1412-333KE
33±10%
0.043
0.047
8.7
3.4
4.1
4.6
3.25
4.50
RFS1412-393KE
39±10%
0.060
0.066
7.7
3.1
3.9
4.3
2.85
3.90
RFS1412-473KE
47±10%
0.066
0.072
6.7
3.0
3.5
3.9
2.65
3.65
RFS1412-104KE
100±10%
0.083
0.091
5.1
2.0
2.4
2.6
2.35
3.25
RFS1412-224KE
220±10%
0.190
0.200
3.3
1.3
1.6
1.8
1.55
2.35
RFS1412-564KE
560±10%
0.484
0.508
1.8
0.82
1.0
1.1
0.92
1.28
RFS1412-105KE
1000±10%
1.01
1.06
1.3
0.63
0.76
0.84
0.64
0.86
RFS1412-106KE
10000±10%
9.58
9.87
0.36
0.20
0.25
0.27
0.20
0.28
RFS1113 Shielded
I
sat(A)
I
rms(A)
Inductance
DCR(Ohms)
SRFtyp 10% 20% 30% 20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
drop drop drop rise
rise
RFS1113-682ME
6.8
0.014
0.016
45.0
6.6
8.0
9.1
5.65
7.80
RFS1113-103ME
10
0.017
0.020
30.2
5.4
6.6
7.4
5.20
7.20
RFS1113-153ME
15
0.020
0.023
19.8
4.0
5.0
5.8
4.80
6.60
RFS1113-223ME
22
0.023
0.026
11.8
3.5
4.2
4.8
4.40
6.10
RFS1113-273ME
27
0.032
0.036
9.6
3.0
3.6
4.2
3.60
5.05
RFS1113-333ME
33
0.045
0.052
8.8
2.8
3.5
4.0
3.20
4.40
RFS1113-393ME
39
0.058
0.064
8.4
2.4
3.1
3.6
2.75
3.75
RFS1113-473ME
47
0.081
0.089
7.9
2.2
2.9
3.3
2.30
3.20
RFS1113-104ME
100
0.184
0.200
4.0
1.5
1.9
2.2
1.55
2.10
RFS1113-224ME
220
0.281
0.295
2.8
1.0
1.3
1.5
1.25
1.65
RFS1113-564ME
560
0.709
0.744
1.8
0.68
0.86
0.98
0.73
1.00
RFS1113-105ME
1000
1.80
1.89
1.3
0.51
0.63
0.73
0.46
0.60
RFS1113-275ME
2700
3.76
3.95
0.72
0.33
0.40
0.45
0.30
0.40
RFS1317 Shielded
I
sat(A)
I
rms(A)
Inductance
DCRmax
SRFtyp
10% 20%
30%
20°C 40°C
Partnumber
±10%
(Ohms)
(MHz)
drop drop
drop
rise
rise
RFS1317-273KL
27µH
0.033
20.95
5.2
6.4
7.2
4.10
5.70
RFS1317-333KL
33µH
0.050
18.18
4.5
5.7
6.4
3.55
4.85
RFS1317-473KL
47µH
0.055
12.93
3.9
4.7
5.4
3.20
4.50
RFS1317-683KL
68µH
0.068
6.49
3.1
3.8
4.3
3.00
4.05
RFS1317-823KL
82µH
0.071
5.03
2.8
3.6
4.0
2.75
3.90
RFS1317-104KL
100µH
0.079
3.45
2.6
3.2
3.6
2.65
3.65
RFS1317-124KL
120µH
0.110
3.18
2.4
2.9
3.2
2.20
3.15
RFS1317-154KL
150µH
0.144
2.92
2.2
2.6
2.9
2.05
2.90
RFS1317-184KL
180µH
0.172
2.27
1.9
2.4
2.7
1.85
2.65
RFS1317-224KL
220µH
0.239
2.03
1.7
2.1
2.4
1.50
2.05
RFS1317-274KL
270µH
0.263
1.66
1.7
1.9
2.2
1.50
2.05
RFS1317-334KL
330µH
0.286
1.55
1.5
1.7
2.0
1.40
1.90
RFS1317-394KL
390µH
0.317
1.39
1.3
1.6
1.8
1.35
1.85
RFS1317-474KL
470µH
0.409
1.20
1.3
1.4
1.6
1.10
1.60
RFS1317-564KL
560µH
0.524
1.12
1.1
1.3
1.5
0.95
1.35
RFS1317-684KL
680µH
0.617
0.955
1.0
1.2
1.4
0.86
1.20
RFS1317-824KL
820µH
0.834
0.827
0.89
1.0
1.2
0.75
1.04
RFS1317-105KL
1.0mH
1.02
0.725
0.83
1.0
1.1
0.68
0.97
RFS1317-125KL
1.2mH
1.19
0.647
0.72
0.94
1.0
0.60
0.81
RFS1317-155KL
1.5mH
1.36
0.599
0.66
0.82
0.91
0.59
0.78
RFS1317-185KL
1.8mH
1.49
0.566
0.60
0.78
0.87
0.54
0.74
RFS1317-225KL
2.2mH
2.01
0.496
0.56
0.69
0.77
0.45
0.62
RFS1317-275KL
2.7mH
2.22
0.439
0.51
0.62
0.70
0.43
0.61
RFS1317-335KL
3.3mH
2.38
0.435
0.46
0.61
0.68
0.41
0.57
RFS1317-395KL
3.9mH
3.38
0.373
0.41
0.51
0.57
0.34
0.49
RFS1317-475KL
4.7mH
3.68
0.352
0.38
0.48
0.54
0.33
0.46
RFS1317-565KL
5.6mH
4.03
0.320
0.34
0.44
0.49
0.32
0.46
RFS1317-685KL
6.8mH
5.43
0.288
0.32
0.40
0.45
0.26
0.38
RFS1317-825KL
8.2mH
5.88
0.274
0.31
0.39
0.44
0.25
0.35
RFS1317-106KL
10mH
6.55
0.254
0.28
0.33
0.37
0.24
0.35
RFC0807B
I
sat(A)
I
rms(A)
Inductance
DCR(Ohms)
SRFtyp 10% 20% 30% 20°C
40°C
Partnumber
±10%(µH)
nom
max
(MHz)
drop drop drop rise
rise
RFC0807B-123KE
12
0.035
0.045
20
5.70
6.30
6.65
2.50
3.60
RFC0807B-153KE
15
0.050
0.060
19
4.95
5.53
5.85
2.15
3.10
RFC0807B-183KE
18
0.060
0.070
16
4.70
5.23
5.55
2.00
2.80
RFC0807B-223KE
22
0.075
0.090
13
4.10
4.60
4.85
1.75
2.50
RFC0807B-273KE
27
0.085
0.100
12
3.70
4.13
4.37
1.70
2.35
RFC0807B-333KE
33
0.100
0.115
12
3.15
3.53
3.74
1.50
2.15
RFC0807B-393KE
39
0.125
0.145
10
2.85
3.20
3.40
1.35
1.95
RFC0807B-473KE
47
0.145
0.165
9.2
2.55
2.87
3.04
1.25
1.80
RFC0807B-563KE
56
0.160
0.185
8.5
2.35
2.66
2.84
1.20
1.70
RFC0807B-683KE
68
0.210
0.240
7.2
2.30
2.60
2.74
1.10
1.50
RFC0807B-823KE
82
0.240
0.275
6.4
2.13
2.37
2.53
1.00
1.40
RFC0807B-104KE
100
0.310
0.355
6.1
1.98
2.22
2.34
0.85
1.25
RFC0807B-124KE
120
0.350
0.400
5.7
1.76
2.00
2.12
0.80
1.15
RFC0807B-154KE
150
0.410
0.470
5.3
1.62
1.82
1.93
0.75
1.05
RFC0807B-184KE
180
0.525
0.605
4.4
1.42
1.61
1.70
0.65
0.95
RFC0807B-224KE
220
0.600
0.690
4.1
1.32
1.48
1.57
0.60
0.85
RFC0807B-274KE
270
0.700
0.805
3.6
1.20
1.34
1.43
0.55
0.80
RFC0807B-334KE
330
0.910
1.05
3.4
1.08
1.21
1.30
0.50
0.72
RFC0807B-394KE
390
1.00
1.15
3.3
1.03
1.16
1.23
0.45
0.64
RFC0807B-474KE
470
1.35
1.55
2.9
0.90
1.02
1.10
0.40
0.55
RFC0807B-564KE
560
1.50
1.70
2.7
0.85
0.93
1.01
0.37
0.52
RFC0807B-684KE
680
1.75
2.00
2.5
0.77
0.83
0.92
0.34
0.48
RFC0807B-824KE
820
2.25
2.60
2.1
0.68
0.77
0.82
0.30
0.42
RFC0807B-105KE
1000
2.60
3.00
2.0
0.62
0.68
0.72
0.28
0.40
RFC0807B-125KE
1200
3.35
3.85
1.7
0.56
0.62
0.66
0.25
0.35
RFC0807B-155KE
1500
3.95
4.55
1.6
0.52
0.57
0.60
0.22
0.32
RFC0807B-185KE
1800
4.40
5.05
1.5
0.48
0.53
0.56
0.21
0.30
RFC0807B-225KE
2200
6.00
6.90
1.3
0.43
0.47
0.49
0.18
0.26
RFC0807B-275KE
2700
6.95
8.00
1.2
0.38
0.42
0.44
0.17
0.24
RFC0807B-335KE
3300
9.10
10.5
1.0
0.35
0.38
0.40
0.15
0.21
RFC0807B-395KE
3900
10.0
11.5
1.0
0.33
0.35
0.37
0.14
0.20
RFC0807B-475KE
4700
14.0
16.0
0.90
0.29
0.31
0.33
0.12
0.17
RFC0807B-565KE
5600
15.5
17.5
0.80
0.27
0.29
0.31
0.11
0.16
RFC0807B-685KE
6800
20.0
23.0
0.70
0.24
0.26
0.27
0.10
0.14
RFC0807B-825KE
8200
22.5
25.5
0.60
0.22
0.24
0.26
0.095
0.133
RFC0807B-106KE
10,000
25.5
28.0
0.60
0.21
0.22
0.24
0.090
0.125
RFC0807B-126KE
12,000
34.0
37.5
0.60
0.19
0.20
0.22
0.080
0.110
RFC0807B-156KE
15,000
41.5
45.5
0.50
0.16
0.18
0.20
0.070
0.100
RFC0807B-186KE
18,000
46.5
51.0
0.40
0.15
0.17
0.18
0.065
0.090



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com