Electronic Components Datasheet Search
  English  ▼

X  

C408 Datasheet(PDF) 15 Page - Coilcraft lnc.

Part # C408
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C408 Datasheet(HTML) 15 Page - Coilcraft lnc.

Back Button C408 Datasheet HTML 11Page - Coilcraft lnc. C408 Datasheet HTML 12Page - Coilcraft lnc. C408 Datasheet HTML 13Page - Coilcraft lnc. C408 Datasheet HTML 14Page - Coilcraft lnc. C408 Datasheet HTML 15Page - Coilcraft lnc. C408 Datasheet HTML 16Page - Coilcraft lnc. C408 Datasheet HTML 17Page - Coilcraft lnc. C408 Datasheet HTML 18Page - Coilcraft lnc. C408 Datasheet HTML 19Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
15
Dimensions (inches mm)
Series
A max
B
C max
D
E max
132
0.415 10,55 0.240 ±0.015 6,10 ±0,38
0.235 5,97
0.314 ±0.020 7,98 ±0,51
0.260 6,60
1512≤2.5 nH 0.155 3,94
0.110 ±0.010 2,79 ±0,25
0.130 3,30
0.115 ±0.010 2,92 ±0,25
0.175 4,45
1512≥2.7 nH 0.155 3,94
0.110 ±0.010 2,79 ±0,25
0.124 3,15
0.115 ±0.010 2,92 ±0,25
0.175 4,45
2712
0.270 6,86
0.110 ±0.010 2,79 ±0,25
0.124 3,15
0.230 ±0.015 5,84 ±0,38
0.175 4,45
GA309x-AL 0.230 5,84
—
0.210 5,33
0.112 – 0.175 3,05 – 4,45 0.225 5,71
WA309x-AL 0.230 5,84
—
0.210 5,33
0.112 – 0.175 3,05 – 4,45 0.225 5,71
Maxi
Percent
Test freq SRF min DCR max Irms
Part number
L (nH)
tolerance* Q typ
Q min (MHz)
(GHz)
(mOhms) (A)
132-09SM_LD
90
5,2
114
95
50
1.140
15
3.5
132-10SM_LD
111
5,2
104
87
50
1.020
15
3.5
132-11SM_LD
130
5,2
104
87
50
0.900
20
3.0
132-12SM_LD
169
5,2
114
95
50
0.875
25
3.0
132-13SM_LD
206
5,2
114
95
50
0.800
30
3.0
132-14SM_LD
222
5,2
110
92
50
0.730
35
3.0
132-15SM_LD
246
5,2
114
95
50
0.685
35
3.0
132-16SM_LD
307
5,2
114
95
50
0.660
35
3.0
132-17SM_LD
380
5,2
114
95
50
0.590
50
2.5
132-18SM_LD
422
5,2
114
95
50
0.540
60
2.5
132-19SM_LD
491
5,2
114
95
50
0.535
65
2.0
132-20SM_LD
538
5,2
104
87
50
0.490
90
2.0
GA309x/WA309x High Current
L (nH)
Test freq
SRF typ
DCR max
I
rms
Part number
±5%
Q typ
(MHz)
(GHz)
(mOhms)
(A)
GA3092-ALC
3.7
100
150
17.5
2.0
7.0
GA3093-ALC
6.6
100
150
4.0
2.0
7.0
GA3094-ALC
12.0
140
150
2.4
2.0
7.0
GA3095-ALC
17.5
140
150
2.2
2.0
7.0
WA3096-ALC
22.0
160
150
2.6
2.5
7.0
WA3097-ALC
30.0
160
150
2.0
3.0
7.0
Mini 1512SP, 2712SP
Percent
SRF typ
DCR max Irms
Weight
Part number
L (nH)
tolerance* Q min
(GHz)
(mOhm)
max (A)
(mg)
1512SP-2N5K1EC
2.5
10
80
14.0
1.0
11.1
37.8
1512SP-2N7K1EC
2.7
10
80
14.0
3.0
8.4
16.6
1512SP-4N7K2EC
4.7
5,2,1
80
18.0
2.0
9.4
51.3
1512SP-5N6K2EC
5.6
5,2,1
80
18.0
3.2
6.6
33.9
1512SP-6N8K3EC
6.8
5,2,1
80
6.4
2.1
9.8
78.4
1512SP-8N2K3EC
8.2
5,2,1
80
7.2
2.9
7.4
57.2
1512SP-10NK4EC
10.0
5,2,1
80
3.4
2.5
9.2
94.8
1512SP-12NK4EC
12.0
5,2,1
80
4.1
3.5
8.0
80.2
1512SP-15NK4EC
15.0
5,2,1
80
4.5
5.0
5.9
55.8
1512SP-18NK4EC
18.0
5,2,1
80
5.2
9.3
3.7
34.2
1512SP-22NK5EC
22.0
5,2,1
80
3.1
5.3
5.2
64.0
1512SP-27NK5EC
27.0
5,2,1
80
4.2
10.6
3.5
37.5
1512SP-33NK6EC
33.0
5,2,1
80
2.8
8.6
3.9
50.7
1512SP-43NK7EC
43.0
5,2,1
80
2.1
10.6
4.3
55.5
1512SP-51NK7EC
51.0
5,2,1
80
2.1
14.5
2.7
48.0
1512SP-62NK8EC
62.0
5,2,1
80
1.8
15.5
2.7
51.1
2712SP-10NK4EC
10.0
5,2,1
85
6.6
3.1
10.3
89.5
2712SP-12NK5EC
12.0
5,2,1
85
5.8
3.4
7.8
102.5
2712SP-15NK6EC
15.0
5,2,1
85
4.9
3.3
8.2
142.6
2712SP-18NK7EC
18.0
5,2,1
85
3.9
3.5
7.9
156.2
2712SP-22NK7EC
22.0
5,2,1
85
3.9
4.5
7.0
132.4
2712SP-27NK8EC
27.0
5,2,1
85
3.1
5.0
6.6
144.0
2712SP-33NK8EC
33.0
5,2,1
85
3.3
7.4
5.1
98.5
2712SP-39NK9EC
39.0
5,2,1
90
2.7
6.8
4.6
133.3
2712SP-47NK0EC
47.0
5,2,1
90
2.4
8.0
4.8
141.6
2712SP-51NK0EC
51.0
5,2,1
95
2.4
9.25
4.1
117.9
2712SP-56NK0EC
56.0
5,2,1
95
2.6
15.5
2.9
79.3
2712SP-68NK1EC
68.0
5,2,1
100
2.3
16.0
3.1
85.9
2712SP-82NK3EC
82.0
5,2,1
100
1.9
14.7
2.8
118.3
2712SP-101K4EC
100.0
5,2,1
100
1.8
19.0
2.3
103.2
2712SP-121K4EC
120.0
5,2,1
100
1.6
26.5
2.3
87.9
2712SP-151K6EC
150.0
5,2,1
100
1.4
29.0
2.2
95.6
NEW!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com