Electronic Components Datasheet Search
  English  ▼

X  

C419 Datasheet(PDF) 35 Page - Coilcraft lnc.

Part # C419
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C419 Datasheet(HTML) 35 Page - Coilcraft lnc.

Back Button C419 Datasheet HTML 31Page - Coilcraft lnc. C419 Datasheet HTML 32Page - Coilcraft lnc. C419 Datasheet HTML 33Page - Coilcraft lnc. C419 Datasheet HTML 34Page - Coilcraft lnc. C419 Datasheet HTML 35Page - Coilcraft lnc. C419 Datasheet HTML 36Page - Coilcraft lnc. C419 Datasheet HTML 37Page - Coilcraft lnc. C419 Datasheet HTML 38Page - Coilcraft lnc. C419 Datasheet HTML 39Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
35
SER1590 High Current
I
sat(A)
Inductance
DCR(mOhms)
SRFtyp
10% 20% 30%
Partnumber
±20%(µH)
nom
max
(MHz)
drop drop drop
I
rms(A)
SER1590-301MLD
0.30
0.66
0.72
260
53
56
57
32
SER1590-501MLD
0.50
0.87
0.94
202
39
42
44
27
SER1590-601MLD
0.60
0.87
0.94
182
33
35
36
27
SER1590-681MLD
0.68
0.87
0.94
160
30
32
33
27
SER1590-801MLD
0.80
0.87
0.94
123
25
26
27
27
SER1590-901MLD
0.90
1.08
1.15
160
27
28
29
22
SER1590-102MLD
1.0
0.87
0.94
115
20
22
23
27
SER1590-122MLD
1.2
1.08
1.15
90
20
22
23
22
SER1590-152MLD
1.5
1.08
1.15
73
17
18
19
22
SER2000 High Current
I
rms (A)
Inductance
DCR (mOhms)
SRF typ
I
sat (A)
20°C
40°C
Part number
±20% (µH)
nom
max
(MHz)
10% drop
rise
rise
SER2009-301MLD
0.30
0.740
0.630
550
100
41
54
SER2010-301MLD
0.30
1.00
0.900
182
100
36
45
SER2009-501MLD
0.50
0.740
0.630
544
60
41
54
SER2010-501MLD
0.50
1.00
0.900
148
81
36
45
SER2011-501MLD
0.50
1.34
1.20
161
100
30
40
SER2009-601MLD
0.60
0.740
0.630
648
49
41
54
SER2010-601MLD
0.60
1.00
0.900
115
70
36
45
SER2011-601MLD
0.60
1.34
1.20
124
90
30
40
SER2012-601MLD
0.60
1.60
1.44
115
97
25
35
SER2009-681MLD
0.68
0.740
0.630
454
45
41
54
SER2010-681MLD
0.68
1.00
0.900
136
62
36
45
SER2011-681MLD
0.68
1.34
1.20
135
78
30
40
SER2012-681MLD
0.68
1.60
1.44
103
85
25
35
SER2013-681MLD
0.68
1.82
1.70
104
98
23
30
SER2009-801MLD
0.80
0.740
0.630
567
38
41
54
SER2010-801MLD
0.80
1.00
0.900
92
53
36
45
SER2011-801MLD
0.80
1.34
1.20
113
70
30
40
SER2012-801MLD
0.80
1.60
1.44
91
75
25
35
SER2013-801MLD
0.80
1.82
1.70
93
85
23
30
SER2014-801MLD
0.80
2.15
1.94
104
98
21
27
SER2009-901MLD
0.90
0.740
0.630
557
33
41
54
SER2010-901MLD
0.90
1.00
0.900
96
48
36
45
SER2011-901MLD
0.90
1.34
1.20
104
62
30
40
SER2012-901MLD
0.90
1.60
1.44
85
69
25
35
SER2013-901MLD
0.90
1.82
1.70
98
73
23
30
SER2014-901MLD
0.90
2.15
1.94
102
87
21
27
SER2009-102MLD
1.0
0.740
0.630
488
29
41
54
SER2010-102MLD
1.0
1.00
0.900
81
42
36
45
SER2011-102MLD
1.0
1.34
1.20
97
56
30
40
SER2012-102MLD
1.0
1.60
1.44
75
64
25
35
SER2013-102MLD
1.0
1.82
1.70
98
68
23
30
SER2014-102MLD
1.0
2.15
1.94
88
70
21
27
SER2009-122MLD
1.2
0.740
0.630
81
28
41
54
SER2010-122MLD
1.2
1.00
0.900
69
37
36
45
SER2011-122MLD
1.2
1.34
1.20
81
49
30
40
SER2012-122MLD
1.2
1.60
1.44
73
54
25
35
SER2013-122MLD
1.2
1.82
1.70
82
58
23
30
SER2014-122MLD
1.2
2.15
1.94
78
63
21
27
SER2009-202MLD
2.0
0.740
0.630
40
16
41
54
SER2010-202MLD
2.0
1.00
0.900
48
27
36
45
SER2011-202MLD
2.0
1.34
1.20
56
37
30
40
SER2012-202MLD
2.0
1.60
1.44
51
35
25
35
SER2013-202MLD
2.0
1.82
1.70
61
40
23
30
SER2014-202MLD
2.0
2.15
1.94
62
45
21
27
SER2013-362MLD
3.6
1.82
1.70
38
25
23
30
SER2013-402MLD
4.0
1.82
1.70
35
20
23
30
SER2014-402MLD
4.0
2.15
1.94
36
25
21
27
SER2013-472MLD
4.7
1.82
1.70
30
18
23
30
Dimensions (inches mm)
Series
Amax
B max
Cmax
SER1590
0.62 15,75
0.64 16,26
0.40 10,16
SER2009
0.79 20,07
0.77 19,56
0.34 8,64
SER2010
0.79 20,07
0.77 19,56
0.37 9,40
SER2011
0.79 20,07
0.77 19,56
0.42 10,67
SER2012
0.79 20,07
0.77 19,56
0.47 11,94
SER2013
0.79 20,07
0.77 19,56
0.51 12,95
SER2014
0.79 20,07
0.77 19,56
0.55 13,97
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com