Electronic Components Datasheet Search
  English  ▼

X  

C419 Datasheet(PDF) 44 Page - Coilcraft lnc.

Part # C419
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C419 Datasheet(HTML) 44 Page - Coilcraft lnc.

Back Button C419 Datasheet HTML 40Page - Coilcraft lnc. C419 Datasheet HTML 41Page - Coilcraft lnc. C419 Datasheet HTML 42Page - Coilcraft lnc. C419 Datasheet HTML 43Page - Coilcraft lnc. C419 Datasheet HTML 44Page - Coilcraft lnc. C419 Datasheet HTML 45Page - Coilcraft lnc. C419 Datasheet HTML 46Page - Coilcraft lnc. C419 Datasheet HTML 47Page - Coilcraft lnc. C419 Datasheet HTML 48Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
44
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
DO3340P High Current
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
(Ohms)
(MHz)
10% drop
(A)
DO3340P-103MLD
10
0.040
35
8.0
3.5
DO3340P-153MLD
15
0.050
18
7.0
3.0
DO3340P-223MLD
22
0.066
13
5.5
2.5
DO3340P-333MLD
33
0.080
11
4.0
2.0
DO3340P-473MLD
47
0.11
9.0
3.8
1.6
DO3340P-683MLD
68
0.17
7.0
3.0
1.2
DO3340P-104MLD
100
0.22
5.5
2.5
1.2
DO3340P-154MLD
150
0.34
4.5
2.0
0.9
DO3340P-224MLD
220
0.44
3.5
1.6
0.7
DO3340P-334MLD
330
0.70
3.0
1.2
0.6
DO3340P-474MLD
470
0.95
2.5
1.0
0.3
DO3340P-684MLD
680
1.15
2.0
1.0
0.2
DO3340P-105MLD
1000
2.0
1.5
0.8
0.1
* Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with
the proper tolerance code: K = 10%, M = 20%. (e.g. DO3316H-472KLD for a 10% tolerance part.)
DO3316H High Current
Inductance
Percent
DCR max
SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
tolerance*
(Ohms)
(MHz)
10% drop
(A)
DO3316H-121MLD
0.12
20
0.0015
200
28.0
17.0
DO3316H-331MLD
0.33
20
0.002
200
20.0
16.0
DO3316H-681MLD
0.68
20
0.005
200
13.0
12.0
DO3316H-102MLD
1.0
20
0.006
100
11.0
10.0
DO3316H-152MLD
1.5
20
0.008
90
9.0
9.0
DO3316H-222_LD
2.2
20,10
0.011
80
7.8
7.4
DO3316H-272_LD
2.7
20,10
0.012
65
7.0
6.6
DO3316H-332_LD
3.3
20,10
0.014
60
6.4
5.9
DO3316H-392_LD
3.9
20,10
0.015
50
5.9
5.3
DO3316H-472_LD
4.7
20,10
0.018
45
5.4
4.8
DO1607B
Insulation
Inductance
DCR max
core-winding
I
sat (mA)
I
rms
Part number
±20% (mH)
(Ohms)
(MOhms)
10% drop
(mA)
DO1607B-105MLC
1.0
19
>10
100
150
DO1607B-155MLC
1.5
21
>10
75
140
DO1607B-225MLC
2.2
42
>10
60
100
DO1607B-335MLC
3.3
52
>10
50
90
DO1607B-475MLC
4.7
80
>10
45
75
DO1607B-685MLC
6.8
125
>10
40
60
DO1813H High Current
Inductance
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
ref (µH)
±20% (µH)
(Ohms)
(MHz)
30% drop
(A)
DO1813H-181MLD
0.18
0.18
0.003
800
14.0
10.0
DO1813H-331MLD
0.33
0.33
0.004
600
10.0
7.0
DO1813H-561MLD
0.56
0.56
0.010
200
7.7
6.0
DO1813H-122MLD
1.2
1.15
0.017
140
5.3
4.4
DO1813H-222MLD
2.2
2.06
0.035
100
3.5
3.1
DO1813H-332MLD
3.3
3.20
0.040
80
3.0
2.7
DO1813H-472MLD
4.7
4.70
0.054
50
2.6
2.2
DO1813H-682MLD
6.8
6.80
0.080
45
2.2
1.8
DO1813H-822MLD
8.2
8.20
0.092
42
2.0
1.6
DO1813H-103MLD
10
9.55
0.110
40
1.9
1.5
DO1813H-153MLD
15
15.3
0.17
30
1.5
1.2
DO1813H-223MLD
22
22.6
0.25
25
1.2
1.0
DO1813H-333MLD
33
32.5
0.35
20
0.99
0.82
DO1813H-473MLD
47
48.1
0.47
15
0.87
0.72
DO3340H
Inductance
DCR max
SRF typ
I
sat (A)
I
rms (A)
Part number
(µH)
(mOhms)
(MHz)
10% drop
20° rise 40° rise
DO3340H-271NLD
0.27 ±30%
2.5
410
54.0
20.0
30.0
DO3340H-471NLD
0.47 ±30%
3.0
210
43.0
15.0
22.5
DO3340H-102MLD
1.0 ±20%
6.5
130
25.0
10.7
16.0
DO3340H-152MLD
1.5 ±20%
7.0
100
21.5
9.70
14.5
DO3340H-222MLD
2.2 ±20%
8.0
82
19.0
8.80
13.2
DO3340H-272MLD
2.7 ±20%
12
68
16.4
7.40
11.1
DO3340H-332MLD
3.3 ±20%
15
60
15.3
6.20
9.30
DO3340H-392MLD
3.9 ±20%
17
57
14.1
5.60
8.40
DO3340H-472MLD
4.7 ±20%
19
47
13.1
5.10
7.60
DO3340H-562MLD
5.6 ±20%
22
42
12.3
4.60
6.90
DO3340H-682MLD
6.8 ±20%
24
37
11.2
3.85
5.77
DO3340H-822MLD
8.2 ±20%
26
28
10.0
3.50
5.25
DO3340H-103MLD
10 ±20%
31
24
9.20
3.20
4.80
DO3340H-123MLD
12 ±20%
36
19
8.20
2.90
4.35
DO3340H-153MLD
15 ±20%
41
15.0
7.80
2.70
4.05
DO3340H-183MLD
18 ±20%
44
15.0
7.30
2.60
3.90
DO3340H-223MLD
22 ±20%
52
14.0
6.50
2.40
3.60
DO3340H-273MLD
27 ±20%
73
12.6
5.80
2.30
3.45
DO3340H-333KLD
33 ±10%
80
12.4
5.50
2.00
3.00
DO3340H-393KLD
39 ±10%
95
9.8
5.00
1.80
2.70
DO3340H-473KLD
47 ±10%
100
9.0
4.60
1.50
2.25
DO3340H-563KLD
56 ±10%
135
7.8
4.20
1.40
2.10
DO3340H-683KLD
68 ±10%
145
7.4
3.90
1.20
1.80
DO3340H-823KLD
82 ±10%
162
5.9
3.50
1.20
1.80
DO3340H-104KLD
100 ±10%
187
6.0
3.20
1.20
1.80
DO3340H-124KLD
120 ±10%
240
5.0
2.90
1.00
1.50
DO3340H-154KLD
150 ±10%
280
4.7
2.60
0.90
1.35
DO3340H-184KLD
180 ±10%
320
4.5
2.50
0.80
1.20
DO3340H-224KLD
220 ±10%
375
4.0
2.30
0.70
1.05
DO3340H-274KLD
270 ±10%
475
3.7
2.00
0.65
0.97
DO3340H-334KLD
330 ±10%
570
3.2
1.80
0.60
0.90
DO3340H-394KLD
390 ±10%
685
2.9
1.70
0.55
0.82
DO3340H-474KLD
470 ±10%
795
2.6
1.50
0.30
0.45
DO3340H-564KLD
560 ±10%
910
2.3
1.40
0.30
0.45
DO3340H-684KLD
680 ±10%
1200
2.0
1.25
0.30
0.45
DO3340H-824KLD
820 ±10%
1350
1.8
1.15
0.25
0.37
DO3340H-105KLD
1000 ±10%
1620
1.5
1.00
0.20
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com