Electronic Components Datasheet Search
  English  ▼

X  

BCN31 Datasheet(PDF) 2 Page - Bi technologies

Part # BCN31
Description  R/2R Ladder Network 8 Bit, 2512 Size Thick Film Leadless Chip Packages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN31 Datasheet(HTML) 2 Page - Bi technologies

  BCN31 Datasheet HTML 1Page - Bi technologies BCN31 Datasheet HTML 2Page - Bi technologies BCN31 Datasheet HTML 3Page - Bi technologies BCN31 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4-14
Model BCN31 Ladder
ENVIRONMENTAL
Moisture Resistance
1,000 hours at +40°C, 95% R.H. (3.0%
∆R)
High Temperature Operation
1,000 hours at 70°C (3.0%
∆R)
Short Time Overload
2.5 x rated voltage, 5 seconds (2.0%
∆R)
Temperature Cycling
-55°C to +125°C, 5 cycles (1.0%
∆R)
Resistance to Solder Heat
260°C for 10 seconds (1.0%
∆R)
Load Life
1,000 hours at 70°C (3.0%
∆R)
SCHEMATIC (Inch/mm)
R
10
987
6
1234
5
2R
2R
2R
2R
2R
2R
2R
2R
2R
RR
R
R
R
R
SOLDER PAD LAYOUT (Inch/mm)
PA
B
C
XY
A
B
C
X
Y
Wave Solder Process
Re-Flow Solder Process
C
P
Y
Y
A
X
X
B
.050
1.27
.084
2.10
.148
3.70
.014
0.35
.036
0.90
.032
0.80
.084
2.10
.148
3.70
.014
0.35
.036
0.90
.032
0.80



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com