Electronic Components Datasheet Search
  English  ▼

X  

BCN31 Datasheet(PDF) 3 Page - Bi technologies

Part # BCN31
Description  R/2R Ladder Network 8 Bit, 2512 Size Thick Film Leadless Chip Packages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN31 Datasheet(HTML) 3 Page - Bi technologies

  BCN31 Datasheet HTML 1Page - Bi technologies BCN31 Datasheet HTML 2Page - Bi technologies BCN31 Datasheet HTML 3Page - Bi technologies BCN31 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4
4-15
Model BCN31 Ladder
OUTLINE DIMENSIONS (Inch/mm)
Solder
Termination
.252
±.008
6.4
±0.20
.122
±.008
3.10
±0.20
.050
±.002
1.27
±.051
.032
±.004
0.80
±0.10
.012
±.006
0.30
±0.15
.012
±.004
0.30
±0.10
.022
±.004
0.55
±.10
L 253
POWER DERATING CURVE
100
80
60
40
20
0
-55
0
70
125
Percent of
Rated Power
Ambient Temperature (
°C)
Value (R1/R2)
1K/2K
10K/20K
25K/50K
50K/100K
100K/200K
Code
102
103
253
503
104
STANDARD RESISTANCE VALUES, OHMS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com