Electronic Components Datasheet Search
  English  ▼

X  

BCS8 Datasheet(PDF) 2 Page - Bi technologies

Part # BCS8
Description  8W CURRENT DETECT CHIP RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCS8 Datasheet(HTML) 2 Page - Bi technologies

  BCS8 Datasheet HTML 1Page - Bi technologies BCS8 Datasheet HTML 2Page - Bi technologies BCS8 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FR4 Thermal PCB Characterisation
Pad Dimensions (x,y mm)
P90 °C, 70um (W)
P90 °C, 35um (W)
60, 45
5.8
4.6
50, 45
5.4
4.3
40, 40
4.2
4.1
30, 30
3.5
2.8
20, 20
2.9
2.7
10, 10
2.4
2.5
Notes: Characterisation carried out using 70
µm and 35µm PCB copper pad weights, with the temperature of 90°C used as a
maximum reference on the PCB.
BCS 8
8W 5025 CURRENT DETECT RESISTOR
2
Frequency Characteristics
Impedance(
Ω)
   
0.050
          
0.010
0.005
0.001
10k
100k
1M
10M
Frequency(Hz)
Temperature Rise
Temperature (
°C) at hot spot.
250
200
150
100
50
0
0
2
4
6
8
10
12
Applied Power (W)
BCS 8 R001 F
Recommended Foot Print (mm)
Dotted line: typical measurement
TCR Curves
∆R/R (ppm)
+4000
Slope of +30ppm/
°C
+2000
0
-2000
Slope of –30ppm/
°C
-4000
//
-50
0
25
50
75
100
125
Resistor Temperature (
°C)
Soldering Recommendation
Due to the enhanced heat dissipation properties of the BCS8, the temperature profile during reflow
soldering will need to be increased by: 10 to 20
°C.
Custom designs
Alternative widths and lengths are available, please contact factory for details.
7.4
2.5
2.5
9.0
BCS 8
X MM
Y
M
M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com