Electronic Components Datasheet Search
  English  ▼

X  

BCS8 Datasheet(PDF) 3 Page - Bi technologies

Part # BCS8
Description  8W CURRENT DETECT CHIP RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCS8 Datasheet(HTML) 3 Page - Bi technologies

  BCS8 Datasheet HTML 1Page - Bi technologies BCS8 Datasheet HTML 2Page - Bi technologies BCS8 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
BCS
8
R001
F
Model
Power Rating
8 : 8W
Resistance Code
Tolerance
R001: 0.001
Ω
J = 5% Tol
F = 1% Tol
BCS 8
8W 5025 CURRENT DETECT RESISTOR
Taping specification (BCS8)
P/N
A/NA
A
B
C
D
X
t
BCS8 R001F
A
12.8
4.0
1.14
1.4
10.0
1.0
BCS8 R002F
A
12.8
4.0
0.64
1.4
10.0
0.5
BCS8 R003F
A
12.8
2.7
0.64
1.4
10.0
0.5
BCS8 R003F
A
12.8
4.5
0.44
1.4
10.0
0.3
BCS8 R004F
NA
12.8
5.3
0.34
1.4
10.0
0.2
BCS8 R005F
A
12.8
4.4
0.34
1.4
10.0
0.2
Note : Above dimensions are approximate.
1.75
24.0+/-0.3
4.80
2.00
4.00
1.50
11.50
.
13.30
0.30+/-0.05
Dia. 1.50+0.1-0
Dia.1.50+0.1-0
B
A X
t
D
D
C
Resistor
Contact Probe
Current
Voltage
Ohm Meter
Resistance testing the BCS resistors is done at
the side positions of resistor terminals (see
figure) using a 4 - port measuring system.
For a stated resistance tolerance of +/-1.0%, the
measured values should be within the +/-0.8%
factory tested values.
When surface mount resistor is attached on
circuit board, small resistance changes will
occur, Custom designs are available, please call
the factory.
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com