Electronic Components Datasheet Search
  English  ▼

X  

TDA4886 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # TDA4886
Description  140 MHz video controller with I2C-bus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4886 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button TDA4886 Datasheet HTML 40Page - NXP Semiconductors TDA4886 Datasheet HTML 41Page - NXP Semiconductors TDA4886 Datasheet HTML 42Page - NXP Semiconductors TDA4886 Datasheet HTML 43Page - NXP Semiconductors TDA4886 Datasheet HTML 44Page - NXP Semiconductors TDA4886 Datasheet HTML 45Page - NXP Semiconductors TDA4886 Datasheet HTML 46Page - NXP Semiconductors TDA4886 Datasheet HTML 47Page - NXP Semiconductors TDA4886 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
17
FB/R3;
feedback input/
reference
voltage output
channel 3
open-circuit base
control bit FPOL = 0
−300 to +300 µA;
5.77 to 4.05 V
control bit FPOL = 1
18
VP2; supply
voltage
channel 2
I18 =21mA
PIN
SYMBOL AND
DESCRIPTION
CHARACTERISTIC
WAVEFORM
EQUIVALENT CIRCUIT
MHB215
feedback reference 5.77 to 4.05 V
PEDST = 0
PEDST = 1
MHB208
2 I
I
40 I
100
Ω
17
VP
1 k
Ω
5.77 to 4.05 V
5.77 to 4.05 V
Vs1
Vs2
1 k
Ω
3 k
Ω
15 k
Ω
15 k
Ω
10
µA
10
µA
DC coupling; Vs1 = 0 V; Vs2 = 1 V; I = 0 (control bit FPOL = 0)
AC coupling; Vs1 = 1 V; Vs2 = 0 V; I = 7.5
µA (control bit FPOL = 1)
MHB218
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com